Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4082CDGNR Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4082CDGNR
Description  175 MHz High Speed AMPLIFIERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4082CDGNR Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button THS4082CDGNR Datasheet HTML 2Page - National Semiconductor (TI) THS4082CDGNR Datasheet HTML 3Page - National Semiconductor (TI) THS4082CDGNR Datasheet HTML 4Page - National Semiconductor (TI) THS4082CDGNR Datasheet HTML 5Page - National Semiconductor (TI) THS4082CDGNR Datasheet HTML 6Page - National Semiconductor (TI) THS4082CDGNR Datasheet HTML 7Page - National Semiconductor (TI) THS4082CDGNR Datasheet HTML 8Page - National Semiconductor (TI) THS4082CDGNR Datasheet HTML 9Page - National Semiconductor (TI) THS4082CDGNR Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
THS4081, THS4082
175MHz LOW POWER HIGHSPEED AMPLIFIERS
SLOS274D − DECEMBER 1999 − REVISED JUNE 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted) (continued)
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage operating range
Dual supply
±4.5
±16.5
V
VCC
Supply voltage operating range
Single supply
9
33
V
VCC = ± 15 V
TA = 25°C
3.4
4.2
ICC
Supply current (per amplifier)
VCC = ± 15 V
TA = full range†
5
mA
ICC
Supply current (per amplifier)
VCC = ± 5 V
TA = 25°C
2.9
3.7
mA
VCC = ± 5 V
TA = full range†
4.5
PSRR
Power supply rejection ratio
VCC = ± 5 V or ± 15 V
TA = full range†
79
90
dB
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix


Similar Part No. - THS4082CDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4082CDGNR TI1-THS4082CDGNR Datasheet
947Kb / 32P
[Old version datasheet]   175-MHz LOW-POWER HIGH -SPEED AMPLIFIERS
THS4082CDGNRG4 TI1-THS4082CDGNRG4 Datasheet
947Kb / 32P
[Old version datasheet]   175-MHz LOW-POWER HIGH -SPEED AMPLIFIERS
More results

Similar Description - THS4082CDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4081 TI-THS4081 Datasheet
384Kb / 24P
[Old version datasheet]   175-MHz LOW-POWER HIGH-SPEED AMPLIFIERS
THS4081IDGNR TI1-THS4081IDGNR Datasheet
947Kb / 32P
[Old version datasheet]   175-MHz LOW-POWER HIGH -SPEED AMPLIFIERS
THS4061 TI-THS4061_08 Datasheet
869Kb / 30P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4061 TI1-THS4061_16 Datasheet
1Mb / 31P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4051 TI-THS4051 Datasheet
487Kb / 30P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
THS4061 TI-THS4061 Datasheet
326Kb / 22P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4061 NSC-THS4061 Datasheet
985Kb / 32P
    180 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4041 TI-THS4041 Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com