Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4211 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4211
Description  LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4211 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button THS4211 Datasheet HTML 5Page - National Semiconductor (TI) THS4211 Datasheet HTML 6Page - National Semiconductor (TI) THS4211 Datasheet HTML 7Page - National Semiconductor (TI) THS4211 Datasheet HTML 8Page - National Semiconductor (TI) THS4211 Datasheet HTML 9Page - National Semiconductor (TI) THS4211 Datasheet HTML 10Page - National Semiconductor (TI) THS4211 Datasheet HTML 11Page - National Semiconductor (TI) THS4211 Datasheet HTML 12Page - National Semiconductor (TI) THS4211 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
THS4211
THS4215
www.ti.com ................................................................................................................................... SLOS400E – SEPTEMBER 2002 – REVISED SEPTEMBER 2009
Table of Graphs (5 V)
FIGURE
Small-signal unity-gain frequency response
39
Small-signal frequency response
40
0.1-dB gain flatness frequency response
41
Large-signal frequency response
42
Slew rate
vs Output voltage
43
Harmonic distortion
vs Frequency
44, 45, 46, 47
Harmonic distortion
vs Output voltage swing
48, 49, 50, 51
Third-order intermodulation distortion
vs Frequency
52, 54
Third-order intercept point
vs Frequency
53, 55
Voltage and current noise
vs Frequency
56
Settling time
57
Quiescent current
vs Supply voltage
58
Output voltage
vs Load resistance
59
Frequency response
vs Capacitive load
60
Open-loop gain and phase
vs Frequency
61
Open-loop gain
vs Case temperature
62
Rejection ratios
vs Frequency
63
Rejection ratios
vs Case temperature
64
Common-mode rejection ratio
vs Input common-mode range
65
Input offset voltage
vs Case temperature
66
Input bias and offset current
vs Case temperature
67
Small-signal transient response
68
Large-signal transient response
69
Overdrive recovery
70
Closed-loop output impedance
vs Frequency
71
Power-down quiescent current
vs Supply voltage
72
Power-down output impedance
vs Frequency
73
Turn-on and turn-off delay times
74
Copyright © 2002–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS4211 THS4215


Similar Part No. - THS4211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4211 TI-THS4211 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
THS4211 TI-THS4211 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4211D TI-THS4211D Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
THS4211DG4 TI-THS4211DG4 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
THS4211DGK TI-THS4211DGK Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
More results

Similar Description - THS4211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4211 TI-THS4211 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
LM6171 TI1-LM6171 Datasheet
1Mb / 30P
[Old version datasheet]   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
National Semiconductor ...
LM6171 NSC-LM6171 Datasheet
708Kb / 17P
   High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171 NSC-LM6171_14 Datasheet
1Mb / 30P
   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
Texas Instruments
LM6171AIM TI-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171AIM TI1-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172 Datasheet
551Kb / 16P
   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com