Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L16B06L-R24-T Datasheet(PDF) 9 Page - Unisonic Technologies

Part # L16B06L-R24-T
Description  16-BIT CONSTANT CURRENT LED DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B06L-R24-T Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button L16B06L-R24-T Datasheet HTML 5Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 6Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 7Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 8Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 9Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 10Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 11Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 12Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
L16B06
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 13
www.unisonic.com.tw
QW-R502-A45.a
TIMING DIAGRAM(Cont.)
4. EN -OUT0
5. OUTn+1-OUTn
CONSTANT-CURRENT OUTPUT
Constant-current value of each output channel is set by an external resistor connected between the REXT pin
an GND. Varying the resistor value can adjust the current scale ranging from 3mA to 60mA. The reference voltage of
REXT terminal (Vrext) is approximately 1.2V. The output current value is calculated roughly by the following
equation:
REXT
OUT
REXT
V(V)
I(mA)
M
R(KΩ)
Iout(mA)
3
5
10
20
30
40
50
M
55
54.1
50
46.6
45
43.3
41.6s
In order to obtain a good performance of constant-current output, a suitable output voltage is necessary.


Similar Part No. - L16B06L-R24-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L16B06 UTC-L16B06 Datasheet
299Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06G-R24-R UTC-L16B06G-R24-R Datasheet
299Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_15 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
More results

Similar Description - L16B06L-R24-T

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM13A SITI-DM13A Datasheet
462Kb / 20P
   16-bit Constant Current LED Driver
logo
Unisonic Technologies
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_15 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Agamem Microelectronic ...
AA1726 AGAMEM-AA1726 Datasheet
38Kb / 1P
   16-bit Constant Current LED Driver
logo
SamHop Microelectronics...
SM16706 SAMHOP-SM16706 Datasheet
153Kb / 15P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Silan Microelectronics ...
SD16729P SILAN-SD16729P Datasheet
874Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Unisonic Technologies
L16B40 UTC-L16B40 Datasheet
245Kb / 7P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
SHENZHEN FUMAN ELECTRON...
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
   16-bit constant current LED driver IC
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com