Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4RC10UTRPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRG4RC10UTRPBF
Description  Generation 4 IGBT design provides tighter parameter distribution and higher effciency than previous generation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4RC10UTRPBF Datasheet(HTML) 3 Page - International Rectifier

  IRG4RC10UTRPBF Datasheet HTML 1Page - International Rectifier IRG4RC10UTRPBF Datasheet HTML 2Page - International Rectifier IRG4RC10UTRPBF Datasheet HTML 3Page - International Rectifier IRG4RC10UTRPBF Datasheet HTML 4Page - International Rectifier IRG4RC10UTRPBF Datasheet HTML 5Page - International Rectifier IRG4RC10UTRPBF Datasheet HTML 6Page - International Rectifier IRG4RC10UTRPBF Datasheet HTML 7Page - International Rectifier IRG4RC10UTRPBF Datasheet HTML 8Page - International Rectifier IRG4RC10UTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRG4RC10UPbF
www.irf.com
3


Similar Part No. - IRG4RC10UTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4RC10U IRF-IRG4RC10U Datasheet
131Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4RC10UD IRF-IRG4RC10UD Datasheet
191Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4RC10UDPBF IRF-IRG4RC10UDPBF Datasheet
308Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4RC10UDPBF IRF-IRG4RC10UDPBF Datasheet
308Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4RC10UDPBF IRF-IRG4RC10UDPBF_15 Datasheet
308Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4RC10UTRPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKZ75N65NH5 INFINEON-IKZ75N65NH5 Datasheet
2Mb / 16P
   Plug and play replacement of previous generation IGBTs
Rev.2.1,2014-10-31
SGB10N60A INFINEON-SGB10N60A_07 Datasheet
795Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 July 07
SGB02N120 INFINEON-SGB02N120_07 Datasheet
439Kb / 11P
   Fast IGBT in NPT-technology Lower Eoff compared to previous generation
Rev. 2_3 Jan 07
SGB07N120 INFINEON-SGB07N120_07 Datasheet
443Kb / 11P
   Fast IGBT in NPT-technology lower Eoff compared to previous generation
Rev. 2_2 Apr 07
SGP15N120 INFINEON-SGP15N120_09 Datasheet
407Kb / 12P
   Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Rev. 2.6 Nov. 09
SGP02N60 INFINEON-SGP02N60_07 Datasheet
358Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Sep 07
SGW25N120 INFINEON-SGW25N120_09 Datasheet
338Kb / 11P
   Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Rev. 2.5 Nov. 09
SGP04N60 INFINEON-SGP04N60_07 Datasheet
347Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Sep 07
SGB06N60 INFINEON-SGB06N60_06 Datasheet
790Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Nov 06
SGP02N120 INFINEON-SGP02N120_07 Datasheet
382Kb / 13P
   Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Rev. 2.3 Sep. 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com