Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3520 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 3520
Description  PC POWER SUPPLY PWM SUPERVISOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3520 Datasheet(HTML) 3 Page - Unisonic Technologies

  3520 Datasheet HTML 1Page - Unisonic Technologies 3520 Datasheet HTML 2Page - Unisonic Technologies 3520 Datasheet HTML 3Page - Unisonic Technologies 3520 Datasheet HTML 4Page - Unisonic Technologies 3520 Datasheet HTML 5Page - Unisonic Technologies 3520 Datasheet HTML 6Page - Unisonic Technologies 3520 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3520
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-923.a
BLOCK DIAGRAM
V33
V5
V12
PT
REM
DET
RT
VADJ
OPNEGIN
OPOUT
PG
SS
C1
C2
UV
UV
-
+
-
+
UV
-
+
OV
-
+
OV
-
+
OV
-
+
OV
-
+
-
+
-
+
+
-
0.62V
OVP
UVP
110us
280ms delay
IN
OUT
CLR
510us
S Q
R
QOUT
5k
280ms delay
IN
OUT
VSS
D Q
C QN
PWM CONTROL
PWMCMP
DETCMP
SOFT_START CONTROLLER
+
-
+
-
OSC
CLR
REMONF
REMON
4.5mS
Delay
36mS
Delay
0.62V
2.45V
ERROR AMP


Similar Part No. - 3520

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
3520 RHOPOINT-3520 Datasheet
63Kb / 2P
   Low Thermal EMF Reed Relays
logo
Lumberg
3520 LUMBERG-3520 Datasheet
122Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
logo
TE Connectivity Ltd
3520 TEC-3520 Datasheet
129Kb / 2P
   Small Size to Power Ratio
logo
Lumberg
3520 LUMBERG-3520 Datasheet
525Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
logo
Alpha Wire
3520 ALPHAWIRE-3520 Datasheet
99Kb / 4P
   Customer Specification
2/16/2023
More results

Similar Description - 3520

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB6054A UTC-UB6054A Datasheet
200Kb / 7P
   PC POWER SUPPLY PWM SUPERVISOR
logo
Shenzhen Dongfangteng T...
EST7502B EST-EST7502B Datasheet
159Kb / 7P
   PC Power Supply PWM with Supervisor
2007-10-15 V2
logo
Fairchild Semiconductor
SG6108 FAIRCHILD-SG6108 Datasheet
650Kb / 16P
   Power Supply Supervisor PWM
logo
Weltrend Semiconductor
WT7522 WELTREND-WT7522 Datasheet
140Kb / 9P
   POWER SUPPLY PWM SUPERVISOR
Version 1.10 April 29, 2009
logo
Unisonic Technologies
3513 UTC-3513_15 Datasheet
387Kb / 12P
   PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISOR
logo
Weltrend Semiconductor
WT7527V WELTREND-WT7527V Datasheet
357Kb / 13P
   PC POWER SUPPLY SUPERVISOR
WT7502 WELTREND-WT7502 Datasheet
148Kb / 10P
   PC POWER SUPPLY SUPERVISOR
logo
Richtek Technology Corp...
R7510A RICHTEK-R7510A Datasheet
326Kb / 12P
   PC Power Supply Supervisor
January 2012
logo
Unisonic Technologies
3513 UTC-3513 Datasheet
272Kb / 12P
   PC POWER SUPPLY SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com