Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4011MFKB Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4011MFKB
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4011MFKB Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button THS4011MFKB Datasheet HTML 4Page - National Semiconductor (TI) THS4011MFKB Datasheet HTML 5Page - National Semiconductor (TI) THS4011MFKB Datasheet HTML 6Page - National Semiconductor (TI) THS4011MFKB Datasheet HTML 7Page - National Semiconductor (TI) THS4011MFKB Datasheet HTML 8Page - National Semiconductor (TI) THS4011MFKB Datasheet HTML 9Page - National Semiconductor (TI) THS4011MFKB Datasheet HTML 10Page - National Semiconductor (TI) THS4011MFKB Datasheet HTML 11Page - National Semiconductor (TI) THS4011MFKB Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
THS4011
THS4012
SLOS216E – JUNE 1999 – REVISED APRIL 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (Continued)
VCC = ±15 V, RL = 1 kΩ, TA = full range (unless otherwise noted)
THS4011M
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP
MAX
DC PERFORMANCE
VCC = ±15 V, VO = ±10 V, RL = 1 kΩ
6
14
V/mV
Open loop gain
TA = Full range
VCC = ±5 V, VO = ±2.5 V, RL = 1 kΩ
5
10
TA = 25°C
2
6
VIO
Input offset voltage
VCC = ±5 V or ±15 V
mV
TA = Full range
2
8
Input offset voltage drift
VCC = ±5 V or ±15 V
15
mV/°C
TA = 25°C
2
6
IIB
Input bias current
VCC = ±5 V or ±15 V
mA
TA = Full range
4
8
IIO
Input offset current
VCC = ±5 V or ±15 V
25
250
nA
Offset current drift
VCC = ±5 V or ±15 V
TA = 25°C
0.3
nA/°C
INPUT CHARACTERISTICS
VCC = ±15 V
±13
±14.1
Common-mode input voltage
VICR
V
range
VCC = ±5 V
±3.8
±4.3
VCC = ±15 V, VIC = ±12 V
75
90
CMRR
Common-mode rejection ratio
dB
VCC = ±5 V, VIC = ±2.5 V
84
95
RI
Input resistance
2
M
CI
Input capacitance
1.2
pF
OUTPUT CHARACTERISTICS
VCC = ±15 V
±13
±13.5
RL = 1 kΩ
VCC = ±5 V
±3.4
±3.7
VO
Output voltage swing
V
VCC = ±15 V,
RL = 250 Ω
±12
±13
VCC = ±5 V,
RL = 150 Ω
±3
±3.4
VCC = ±15 V
65
115
IO
Output current
RL = 20 Ω
mA
VCC = ±5 V
40
75
IOS
Short-circuit output current
VCC = ±15 V,
TA = 25°C
150
mA
RO
Output resistance
Open loop
12
POWER SUPPLY
Dual supply
±4.5
±16.5
VCC
Supply voltage
V
Single supply
9
33
TA = 25°C
7.8
9.5
VCC = ±15 V
TA = Full range
11
ICC
Quiescent current
mA
TA = 25°C
6.9
8.5
VCC = ±5 V
TA = Full range
10
TA = 25°C
80
86
PSRR
Power-supply rejection ratio
VCC = ±5 V to ±15 V
dB
TA = Full range
78
83
(1)
Full range = 0°C to 70°C for the C suffix and –40°C to 85°C for the I suffix.
8
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4011 THS4012


Similar Part No. - THS4011MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4011MFKB TI-THS4011MFKB Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011MFKB TI1-THS4011MFKB Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4011MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011 TI-THS4011 Datasheet
439Kb / 30P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
Analog Devices
AD8007ARZR7 AD-AD8007ARZR7 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007 Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com