Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9640L Datasheet(PDF) 7 Page - International Rectifier

Part # IRF9640L
Description  Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9640L Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF9640L Datasheet HTML 2Page - International Rectifier IRF9640L Datasheet HTML 3Page - International Rectifier IRF9640L Datasheet HTML 4Page - International Rectifier IRF9640L Datasheet HTML 5Page - International Rectifier IRF9640L Datasheet HTML 6Page - International Rectifier IRF9640L Datasheet HTML 7Page - International Rectifier IRF9640L Datasheet HTML 8Page - International Rectifier IRF9640L Datasheet HTML 9Page - International Rectifier IRF9640L Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Document Number: 91087
www.vishay.com
S11-1052-Rev. D, 30-May-11
7
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRF9640S, SiHF9640S, IRF9640L, SiHF9640L
Vishay Siliconix
Fig. 14 - For P-Channel
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?91087.
P.W.
Period
dI/dt
Diode recovery
dV/dt
Body diode forward drop
Body diode forward
current
Driver gate drive
Inductor current
D =
P.W.
Period
+
-
-
+
Peak Diode Recovery dV/dt Test Circuit
• dV/dt controlled by R
g
• D.U.T. - device under test
D.U.T.
Circuit layout considerations
• Low stray inductance
• Ground plane
• Low leakage inductance
current transformer
R
g
• Compliment N-Channel of D.U.T. for driver
V
DD
• I
SD controlled by duty factor “D”
Note
Note
a. V
GS = - 5 V for logic level and - 3 V drive devices
V
GS = - 10 V
a
D.U.T. l
SD waveform
D.U.T. V
DS waveform
V
DD
Re-applied
voltage
Ripple
≤ 5 %
I
SD
Reverse
recovery
current


Similar Part No. - IRF9640L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF9640L VISHAY-IRF9640L Datasheet
197Kb / 10P
   Power MOSFET
Rev. D, 30-May-11
IRF9640L VISHAY-IRF9640L Datasheet
230Kb / 10P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRF9640L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com