Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4011IDGNG4 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4011IDGNG4
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4011IDGNG4 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button THS4011IDGNG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4011IDGNG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4011IDGNG4 Datasheet HTML 9Page - National Semiconductor (TI) THS4011IDGNG4 Datasheet HTML 10Page - National Semiconductor (TI) THS4011IDGNG4 Datasheet HTML 11Page - National Semiconductor (TI) THS4011IDGNG4 Datasheet HTML 12Page - National Semiconductor (TI) THS4011IDGNG4 Datasheet HTML 13Page - National Semiconductor (TI) THS4011IDGNG4 Datasheet HTML 14Page - National Semiconductor (TI) THS4011IDGNG4 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
100
10
100
1k
f − Frequency − Hz
10
10k
1
100k
VCC = ±15Vor ±5V
0.2°
0.15°
0.1°
1
2
3
4
Numberof150-
Ω Loads
0.05°
0.35°
0.3°
0.25°
Gain =2
RF =1kΩ
40IRE-NTSCModulation
Worst-Case ±100IRERamp
VCC = ±15 V
VCC = ±5 V
0.03
0.02
1
2
3
4
Numberof150-Ω Loads
0.01
0
Gain =2
RF =1kΩ
40IRE-NTSCModulation
Worst-Case ±100IRERamp
VCC = ±5 V
VCC = ±15 V
0.04
0.05
0.03
0.02
1
2
3
4
Numberof150-Ω Loads
0.01
0
0.04
0.05
0.06
Gain =2
RF =1kΩ
40IRE-PALModulation
Worst-Case ±100IRERamp
VCC = ±15 V
VCC = ±5 V
0.25°
0.2°
0.15°
0.1°
1
2
3
4
Numberof150-
Ω Loads
0.05°
Gain =2
RF =1kΩ
40IRE-PALModulation
Worst-Case ±100IRERamp
0.4°
0.35°
0.3°
VCC = ±15 V
VCC = ±5 V
THS4011
THS4012
www.ti.com
SLOS216E – JUNE 1999 – REVISED APRIL 2010
TYPICAL CHARACTERISTICS (continued)
NOISE SPECTRAL DENSITY
DIFFERENTIAL PHASE
vs
vs
FREQUENCY
NUMBER OF 150-
Ω LOADS
Figure 19.
Figure 20.
DIFFERENTIAL PHASE
DIFFERENTIAL GAIN
DIFFERENTIAL GAIN
vs
vs
vs
NUMBER OF 150-
Ω LOADS
NUMBER OF 150-
Ω LOADS
NUMBER OF 150-
Ω LOADS
Figure 21.
Figure 22.
Figure 23.
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS4011 THS4012


Similar Part No. - THS4011IDGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4011IDGNG4 TI-THS4011IDGNG4 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011IDGNG4 TI1-THS4011IDGNG4 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4011IDGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011 TI-THS4011 Datasheet
439Kb / 30P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
Analog Devices
AD8007ARZR7 AD-AD8007ARZR7 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007 Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com