Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0E2350H0 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # 0E2350H0
Description  MINIATURE Switch E21-E36 Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

0E2350H0 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  0E2350H0 Datasheet HTML 1Page - Cherry Semiconductor Corporation 0E2350H0 Datasheet HTML 2Page - Cherry Semiconductor Corporation 0E2350H0 Datasheet HTML 3Page - Cherry Semiconductor Corporation 0E2350H0 Datasheet HTML 4Page - Cherry Semiconductor Corporation 0E2350H0 Datasheet HTML 5Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MINIATURE Switch
E21-E36 Series
Features
 8 Contact Ratings
DC ratings optional
 Standard or light force versions available
 High temperature versions optional
 Agency approved long life versions optional
Electrical Ratings and Operating Life
According to UL 1054
Switch
Series
Nominal Load
Electrical Life at Rated Load
E21
0.1A 125 VAC (0.25A, 30VDC optional)
6000**
E22
3A 125/250 VAC, 1/10 HP 250 VAC (0.1A, 125VDC optional)
6000
E23
5A ¼ HP, 125/250 VAC
6000
E31
1A 125 VAC
6000
E33
10A ½ HP 125/250 VAC (6A 30VDC optional)
6000**
E34
15A ½ HP 125/250 VAC
6000*
E35
20.1A ½ HP 125/250 VAC
6000
E36
25A 125/250 VAC; 1 HP 125 VAC, 2 HP 250 VAC
6000
* Indicates 100K UL Life available on AC versions optional.
** Indicates 100K UL Life available on AC and DC versions optional Contact Factory for
new part number.
Technical Specifications
Material Specifications
Case:
General Purpose Phenolic
Common Terminal:
Silver Plated Brass (E21, E22, E23, E31, E33, E34, E35)
Silver Plated Copper (E36)
Temperature
Rating:
-40°C to 85°C
(130°C and 150°C optional. Not
available on E36. Contact factory for
special part numbers.)
NO & NC Terminal:
Brass (E21, E22, E23, E31, E33, E34, E35)
Copper (E36)
Flammability
Rating:
UL94HB
Moving Blade:
Brass (E21, E33, E23)
Silver Plated Beryllium Copper (E31, E33, E34, E35, E36)
Actuating Button
Thermoplastic Acetal
Mounting:
Recommended screw: #4-40 round
head, UL approved.
Recommended torque: 3 inch lbs. max
Auxiliary Actuator:
Cold Rolled Steel (Nickel Plated)
(E21 and E22 use Aluminum)
UL File No.:
E23301
RoHS
Compliant
Contacts:
Silver Alloy
Gold Crosspoint: E21 and E31
Fine Silver: E22
Specifications subject to change
E34 only
UL approval
only on E35
Not recommended for new designs
Please review our D4 series
http://www.cherrycorp.com/english/switches/miniature/d4.htm


Similar Part No. - 0E2350H0

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
0E2350H0 ZFSWITCHES-0E2350H0 Datasheet
1Mb / 5P
   High temperature versions optional
More results

Similar Description - 0E2350H0

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
D364-V1AA CHERRY-D364-V1AA Datasheet
555Kb / 2P
   miniature switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
TE Connectivity Ltd
MRSS TEC-MRSS Datasheet
1Mb / 5P
   MRSS - MINIATURE ROTARY SWITCH SERIES
05/22
logo
Omron Electronics LLC
A8L OMRON-A8L Datasheet
547Kb / 6P
   Miniature Rocker Switch
logo
Copal Electronics
BT_SERIES COPAL-BT_SERIES Datasheet
242Kb / 3P
   Miniature Toggle Switch
logo
List of Unclassifed Man...
D42L-R1AA ETC2-D42L-R1AA Datasheet
1Mb / 2P
   D4 miniature switch
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Reed Relays and Electro...
MO-1422-15-18 RRE-MO-1422-15-18 Datasheet
100Kb / 1P
   Miniature Reed Switch
logo
OEN India Limited
OENCK OENINDIA-OENCK Datasheet
709Kb / 2P
   MINIATURE ROTARY SWITCH
logo
Cynergy3 Co
RSF50 CYNERGY3-RSF50 Datasheet
416Kb / 1P
   miniature single switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com