Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN10501DBVR Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SN10501DBVR
Description  HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SN10501DBVR Datasheet(HTML) 1 Page - National Semiconductor (TI)

  SN10501DBVR Datasheet HTML 1Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 2Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 3Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 4Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 5Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 6Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 7Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 8Page - National Semiconductor (TI) SN10501DBVR Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
DBV-5
D-14
PWP-14
D-8
DGN-8
DGK-8
1
FEATURES
+
Video In
10
µF
0.1
µF
VS−
75
75
10
µF
0.1
µF
1.43 k
1.43 k
75
VS+
+
5
3
4
SN10501
2
+
1
VO
APPLICATIONS
DESCRIPTION
5.3
5.4
5.5
5.6
5.7
5.8
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
5.9
6.2
6.1
6.0
6.3
VO = 2 VPP
−0.1 dB at 51 MHz
VO = 0.1 VPP
−0.1 dB at 49 MHz
Gain = 2
RL = 150 Ω to GND
VS = ±5 V
RF = 1.43 kΩ
SN10501
SN10502
SN10503
www.ti.com .................................................................................................................................................. SLOS408B – MARCH 2003 – REVISED JANUARY 2009
HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
2
• High Speed
VIDEO DRIVE CIRCUIT
100 MHz Bandwidth (–3 dB, G = 2)
900 V/s Slew Rate
• Excellent Video Performance
50 MHz Bandwidth (0.1 dB, G = 2)
0.007% Differential Gain
0.007 Differential Phase
• Rail-to-Rail Output Swing
VO = –4.5 / 4.5 (RL= 150 Ω)
• High Output Drive, I
O = 100 mA (typ)
• Ultralow Distortion
HD2 = –78 dBc (f = 5 MHz, RL = 150 Ω)
HD3 = –85 dBc (f = 5 MHz, RL = 150 Ω)
• Wide Range of Power Supplies
VS = 3 V to 15 V
• Video Line Driver
• Imaging
• DVD / CD ROM
• Active Filtering
• General Purpose Signal Chain Conditioning
The SN1050x family is a set of rail-to-rail output
single, dual, and triple low-voltage, high-output swing,
low-distortion high-speed amplifiers ideal for driving
data converters, video switching, or low distortion
applications.
This
family
of
voltage-feedback
amplifiers can operate from a single 15-V power
supply down to a single 3-V power supply while
consuming only 14 mA of quiescent current per
channel. In addition, the family offers excellent ac
performance with 100-MHz bandwidth, 900-V/
µs slew
rate and harmonic distortion (THD) at –78 dBc at
5 MHz.
DEVICE
DESCRIPTION
SN10501
Single
SN10502
Dual
SN10503
Triple
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
owerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN10501DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10501DBVR TI-SN10501DBVR Datasheet
553Kb / 23P
[Old version datasheet]   HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
SN10501DBVR TI1-SN10501DBVR Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
SN10501DBVRG4 TI1-SN10501DBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
More results

Similar Description - SN10501DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10501 TI1-SN10501_16 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
SN10501 TI-SN10501 Datasheet
553Kb / 23P
[Old version datasheet]   HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
SN10501 TI1-SN10501 Datasheet
1Mb / 32P
[Old version datasheet]   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
logo
SG Micro Corp
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com