Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6704 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6704
Description  MHz Selectable Gain Buffer with Disable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6704 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMH6704_14 Datasheet HTML 4Page - National Semiconductor (TI) LMH6704_14 Datasheet HTML 5Page - National Semiconductor (TI) LMH6704_14 Datasheet HTML 6Page - National Semiconductor (TI) LMH6704_14 Datasheet HTML 7Page - National Semiconductor (TI) LMH6704_14 Datasheet HTML 8Page - National Semiconductor (TI) LMH6704_14 Datasheet HTML 9Page - National Semiconductor (TI) LMH6704_14 Datasheet HTML 10Page - National Semiconductor (TI) LMH6704_14 Datasheet HTML 11Page - National Semiconductor (TI) LMH6704_14 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2
3
4
6
1
VOUT
+
-
+5V
-5V
CPOS
6.8 µF
.01 µF
6.8 µF
CNEG
.01 µF
0.1 µF
CSS
LMH6704
RIN
VIN
2
3
4
6
1
VOUT
+
-
VIN
+5V
-5V
CPOS
6.8 µF
.01 µF
6.8 µF
CNEG
.01 µF
RIN
0.1 µF
CSS
LMH6704
2
3
4
6
1
VOUT
+
-
VIN
+5V
-5V
CPOS
6.8 µF
.01 µF
6.8 µF
CNEG
.01 µF
RIN
0.1 µF
CSS
LMH6704
NC
LMH6704
SNOSAD0C – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
Figure 17. Recommended Gain of +2 Circuit
Figure 18. Recommended Gain of +1 Circuit
Figure 19. Recommended Gain of
−1 Circuit
GENERAL INFORMATION
The LMH6704 is a high speed current feedback Selectable Gain Buffer (SGB), optimized for very high speed and
low distortion. With its internal feedback and gain-setting resistors the LMH6704 offers excellent AC performance
while simplifying board layout and minimizing the affects of layout related parasitic components. The LMH6704
has no internal ground reference so single or split supply configurations are both equally useful.
SETTING THE CLOSED LOOP GAIN
The LMH6704 is a current feedback amplifier with on-chip RF = RG = 465Ω. As such it can be configured with an
AV = +2, AV = +1, or an AV = −1 by connecting pins 3 and 4 as described in Table 1.
Table 1.
Input Connections
GAIN AV
Non-Inverting (Pin 3, SOT-23)
Inverting (Pin 4, SOT-23)
−1 V/V
Ground
Input Signal
+1 V/V
Input Signal
NC (Open)
+2 V/V
Input Signal
Ground
The gain accuracy of the LMH6704 is accurate over temperature to within ±1%. The internal gain setting
resistors, RFand RG, match very well. The LMH6704 architecture takes advantage of the fact that the internal
gain setting resistors track each other well over a wide range of temperature and process variation to keep the
overall gain constant, despite the fact that the individual resistors have nominal temperature drifts. Therefore,
using external resistors in series with RG to change the gain will result in poor gain accuracy over temperature.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMH6704


Similar Part No. - LMH6704_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6704 TI1-LMH6704_15 Datasheet
949Kb / 20P
[Old version datasheet]   650 MHz Selectable Gain Buffer with Disable
More results

Similar Description - LMH6704_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6704 TI1-LMH6704_15 Datasheet
949Kb / 20P
[Old version datasheet]   650 MHz Selectable Gain Buffer with Disable
logo
National Semiconductor ...
LMH6704 NSC-LMH6704 Datasheet
774Kb / 12P
   650 MHz Progammable Gain Buffer with Disable
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA2682 TI1-OPA2682 Datasheet
195Kb / 20P
[Old version datasheet]   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com