Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR3540 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MBR3540
Description  35 AMP SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MBR3540 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MBR3540 Datasheet HTML 1Page - Digitron Semiconductors MBR3540 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MBR3520-MBR35100
35 AMP SCHOTTKY BARRIER RECTIFIER
Operating and storage temperature range: -55 to +175°C
MAXIMUM RATINGS
Part Number
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
MBR3520
20V
14V
20V
MBR3530
30V
21V
30V
MBR3535
35V
24.5V
35V
MBR3540
40V
28V
40V
MBR3545
45V
31.5V
45V
MBR3560
60V
42V
60V
MBR3580
80V
56V
80V
MBR35100
100V
70V
100V
ELECTRICAL CHARACTERISTICS @ 25°C unless otherwise specified
Parameter
Symbol
Value
Test Conditions
Average forward current
IF(AV)
35A
TA = 110°C
Peak forward surge current
IFSM
600A
8.3ms, half-sine
Maximum forward voltage drop
MBR3520-3545
MBR3560
MBR3580-35100
VF
.68V
.75V
.84V
IFM = 35A
TA = 25°C*
Maximum DC reverse current at rated DC blocking voltage
IR
1.5mA
TA = 25°C
* Pulse test: pulse width 300µsec, duty cycle 1%
MECHANICAL CHARACTERISTICS
Case
DO-4(R)
Marking
Alpha-numeric
Normal polarity
Cathode is stud
Reverse polarity
Anode is stud (add “R” suffix)
DO-4(R)
Inches
Millimeters
Min
Max
Min
Max
A
-
0.078
-
1.981
B
0.422
0.453
10.719
11.506
C
-
0.405
-
10.287
D
-
0.800
-
20.320
E
0.420
0.440
10.668
11.176
F
-
0.250
-
6.350
G
-
0.424
-
10.770
H
0.066
-
1.676
-
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20100104


Similar Part No. - MBR3540

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3540 MCC-MBR3540 Datasheet
115Kb / 2P
   35 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
TRANSYS Electronics Lim...
MBR3540 TEL-MBR3540 Datasheet
119Kb / 2P
   SCHOTTKY DIODES STUD TYPE 35 A
logo
Naina Semiconductor ltd...
MBR3540 NAINA-MBR3540 Datasheet
123Kb / 2P
   Schottky Power Diode, 35A
logo
GeneSiC Semiconductor, ...
MBR3540 GENESIC-MBR3540 Datasheet
799Kb / 3P
   Silicon Power Schottky Diode
logo
TRANSYS Electronics Lim...
MBR3540R TEL-MBR3540R Datasheet
119Kb / 2P
   SCHOTTKY DIODES STUD TYPE 35 A
More results

Similar Description - MBR3540

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPS835L MICROSEMI-UPS835L Datasheet
54Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 8 AMP 35 VOLT
UPS835L MICROSEMI-UPS835L_01 Datasheet
488Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 8 AMP 35 VOLT
logo
Micro Commercial Compon...
FST19035 MCC-FST19035 Datasheet
132Kb / 3P
   200 Amp Rectifier 35 to 50 Volts Schottky Barrier
1N5829 MCC-1N5829 Datasheet
111Kb / 3P
   25 Amp Schottky Barrier Rectifier 20 to 35 Volts
MBR2535FCT MCC-MBR2535FCT Datasheet
116Kb / 3P
   30 Amp Schottky Barrier Rectifier 35 to 60 Volts
MBR2535FCT MCC-MBR2535FCT_13 Datasheet
243Kb / 3P
   30 Amp Schottky Barrier Rectifier 35 to 60 Volts
MBRB1535 MCC-MBRB1535_17 Datasheet
502Kb / 3P
   15 Amp Schottky Barrier Rectifier 35 to 45 Volts
MBR3520 MCC-MBR3520 Datasheet
115Kb / 2P
   35 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
List of Unclassifed Man...
PJ20C40 ETC1-PJ20C40 Datasheet
131Kb / 3P
   20 AMP SCHOTTKY BARRIER RECTIFIER
logo
EM Microelectronic - MA...
MBR4040CT EMMICRO-MBR4040CT Datasheet
1Mb / 2P
   40 Amp Schottky Barrier Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com