Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR6020L Datasheet(PDF) 4 Page - Digitron Semiconductors

Part # MBR6020L
Description  60A ULTRA FAST RECOVERY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MBR6020L Datasheet(HTML) 4 Page - Digitron Semiconductors

  MBR6020L Datasheet HTML 1Page - Digitron Semiconductors MBR6020L Datasheet HTML 2Page - Digitron Semiconductors MBR6020L Datasheet HTML 3Page - Digitron Semiconductors MBR6020L Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MBR6015L-MBR6030L
60A ULTRA FAST RECOVERY RECTIFIER
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121205


Similar Part No. - MBR6020L

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR6020 TEL-MBR6020 Datasheet
122Kb / 2P
   SCHOTTKY DIODES STUD TYPE 60 A
logo
Naina Semiconductor ltd...
MBR6020 NAINA-MBR6020 Datasheet
123Kb / 2P
   Schottky Power Diode, 60A
logo
GeneSiC Semiconductor, ...
MBR6020 GENESIC-MBR6020 Datasheet
729Kb / 3P
   High Surge Capability
logo
New Jersey Semi-Conduct...
MBR6020 NJSEMI-MBR6020 Datasheet
81Kb / 1P
   SCHOTTKY DIODES STUD TYPE 60A
logo
GeneSiC Semiconductor, ...
MBR6020 GENESIC-MBR6020 Datasheet
807Kb / 3P
   Silicon Power Schottky Diode
More results

Similar Description - MBR6020L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-60.PF1.PBF VISHAY-VS-60.PF1.PBF Datasheet
197Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60A
Revision: 20-Oct-11
logo
Shenzhen Luguang Electr...
MUR60120P LUGUANG-MUR60120P Datasheet
1Mb / 4P
   Ultra-Fast Recovery Diodes 60A FRED Pt
Revision:20170701-P1
logo
Solid States Devices, I...
SDR6304 SSDI-SDR6304 Datasheet
72Kb / 2P
   Ultra Fast Recovery Rectifier
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
SDR30U080J SSDI-SDR30U080J Datasheet
91Kb / 2P
   Ultra Fast Recovery Rectifier
RC0039F SSDI-RC0039F Datasheet
120Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
UF110 MICROSEMI-UF110 Datasheet
91Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF130 MICROSEMI-UF130 Datasheet
89Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF310 MICROSEMI-UF310 Datasheet
160Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF330 MICROSEMI-UF330 Datasheet
94Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com