Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC5615 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MC5615
Description  FAST RECOVERY SILICON RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MC5615 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MC5615 Datasheet HTML 1Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MC5610-MC5619
FAST RECOVERY SILICON RECTIFIERS
MAXIMUM RATINGS
Parameter
MC5610-MC5612
MC5613-MC5616
MC5617-MC5619
Operating temperature range
-55° to 150°C
-65° to +150°C
-65° to +125°C
Storage temperature range
-65° to +175°C
Thermal resistance
38°C/W junction to lead at 3/8” lead length from body
Solder temperature
260°C for 10 s maximum
ELECTRICAL CHARACTERISTICS
Maximum
forward
voltage
Maximum
reverse
current
Maximum
reverse
current
Maximum
forward
surge
Working
peak
reverse
voltage
RMS
voltage
Maximum
reverse
recovery
time(1)
Average rectified
current(2)
IR @ VRWM
IR @ VRWM
VRWM
VR(RMS)
@ TL =
55°C
@ TL =
100°C
VF @ 100mA
25°C
100°C
@ 8.3 ms
trr
Part
number
Volts
Volts
mA
mA
Volts
µA
µA
Amps
ns
MC5610
1500
1050
790
415
3.0
1.0
25
8
300
MC5611
2000
1400
630
330
4.0
1.0
25
6
300
MC5612
2500
1750
530
280
5.0
1.0
25
5
300
MC5613
1500
1050
975
515
3.0
1.0
20
8
300
MC5614
2000
1400
790
415
4.0
1.0
20
6
300
MC5615
2500
1750
665
350
5.0
1.0
20
5
300
MC5616
3000
2100
570
300
6.0
1.0
20
4
300
MC5617
4000
2800
330
120
8.0
2.5
50
3
300
MC5618
4500
3150
300
110
9.0
2.5
50
2.7
300
MC5619
5000
3500
275
100
10.0
2.5
50
2.5
300
Note 1: IF = 50mA, IRM = 100mA, IR(REC) = 25mA.
Note 2: Heat sink 3/8” from body.
MECHANICAL CHARACTERISTICS
Case
Digi L
Marking
Body painted, alpha-numeric
Polarity
Cathode band
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121128


Similar Part No. - MC5615

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MC5615 MICROSEMI-MC5615 Datasheet
43Kb / 1P
   FAST RECOVERY HIGH POWER MICRO HIGH VOLTAGE RECTIFIERS
MC5615 MICROSEMI-MC5615 Datasheet
276Kb / 2P
   FAST RECOVERY HIGH POWER MICRO HIGH VOLTAGE RECTIFIERS
More results

Similar Description - MC5615

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
FR602 YFWDIODE-FR602_V01 Datasheet
434Kb / 3P
   Fast Recovery Silicon Rectifiers
logo
Digitron Semiconductors
MR1366 DIGITRON-MR1366 Datasheet
95Kb / 2P
   FAST RECOVERY SILICON RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
FR502 YFWDIODE-FR502 Datasheet
430Kb / 3P
   Fast Recovery Silicon Rectifiers
FR202 YFWDIODE-FR202_V01 Datasheet
435Kb / 3P
   Fast Recovery Silicon Rectifiers
FR252 YFWDIODE-FR252 Datasheet
435Kb / 3P
   Fast Recovery Silicon Rectifiers
FR102 YFWDIODE-FR102_V01 Datasheet
424Kb / 3P
   Fast Recovery Silicon Rectifiers
FR152 YFWDIODE-FR152 Datasheet
436Kb / 3P
   Fast Recovery Silicon Rectifiers
FR302 YFWDIODE-FR302_V01 Datasheet
431Kb / 3P
   Fast Recovery Silicon Rectifiers
logo
Central Semiconductor C...
CBR35F-010P CENTRAL-CBR35F-010P_15 Datasheet
470Kb / 2P
   FAST RECOVERY SILICON BRIDGE RECTIFIERS
CBR25F-010P CENTRAL-CBR25F-010P_15 Datasheet
470Kb / 2P
   FAST RECOVERY SILICON BRIDGE RECTIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com