Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR8035 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # MBR8035
Description  80A SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MBR8035 Datasheet(HTML) 2 Page - Digitron Semiconductors

  MBR8035 Datasheet HTML 1Page - Digitron Semiconductors MBR8035 Datasheet HTML 2Page - Digitron Semiconductors MBR8035 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MBR8035-MBR8045
80A SCHOTTKY RECTIFIER
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121205


Similar Part No. - MBR8035

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR8035 TEL-MBR8035 Datasheet
122Kb / 2P
   SCHOTTKY DIODES STUD TYPE 80 A
logo
Naina Semiconductor ltd...
MBR8035 NAINA-MBR8035 Datasheet
124Kb / 2P
   Schottky Power Diode, 80A
logo
America Semiconductor, ...
MBR8035 AMERICASEMI-MBR8035 Datasheet
569Kb / 2P
   HIGH POWER-SCHOTTKY RECTIFIER
logo
GeneSiC Semiconductor, ...
MBR8035 GENESIC-MBR8035 Datasheet
654Kb / 3P
   Silicon Power Schottky Diode
logo
TRANSYS Electronics Lim...
MBR8035R TEL-MBR8035R Datasheet
122Kb / 2P
   SCHOTTKY DIODES STUD TYPE 80 A
More results

Similar Description - MBR8035

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SPB8035 MICROSEMI-SPB8035 Datasheet
120Kb / 2P
   4 X 80A Schottky Barrier Rectifier
logo
Solid States Devices, I...
SSR8045CTP SSDI-SSR8045CTP Datasheet
104Kb / 2P
   80A 45 V SCHOTTKY CENTERTAP RECTIFIER
logo
Microsemi Corporation
SPB8080 MICROSEMI-SPB8080 Datasheet
142Kb / 2P
   4 X 80A SCHOTTKY BARRIER RECTIFIER
SPB8080 MICROSEMI-SPB8080_10 Datasheet
120Kb / 2P
   4 X 80A Schottky Barrier Rectifier
logo
Naina Semiconductor ltd...
MBR8020 NAINA-MBR8020 Datasheet
124Kb / 2P
   Schottky Power Diode, 80A
MBR8045 NAINA-MBR8045 Datasheet
123Kb / 2P
   Schottky Power Diode, 80A
logo
Fairchild Semiconductor
RURG8060_F085 FAIRCHILD-RURG8060_F085 Datasheet
546Kb / 6P
   80A, 600V Ultrafast Rectifier
logo
TRANSYS Electronics Lim...
FST8220SL TEL-FST8220SL Datasheet
144Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 80A
FST8320M TEL-FST8320M Datasheet
146Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 80A
FST8220L TEL-FST8220L Datasheet
146Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 80A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com