Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2302 Datasheet(PDF) 8 Page - International Rectifier

Part # IR2302
Description  Gate drive supply range from 5 to 20V
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2302 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR2302 Datasheet HTML 4Page - International Rectifier IR2302 Datasheet HTML 5Page - International Rectifier IR2302 Datasheet HTML 6Page - International Rectifier IR2302 Datasheet HTML 7Page - International Rectifier IR2302 Datasheet HTML 8Page - International Rectifier IR2302 Datasheet HTML 9Page - International Rectifier IR2302 Datasheet HTML 10Page - International Rectifier IR2302 Datasheet HTML 11Page - International Rectifier IR2302 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
IR2302(S) & (PbF)
8
www.irf.com
300
500
700
900
1100
1300
36
9
12
15
Input Voltage (V)
Figure 6C. Turn-on Propagation Delay
vs. Input Voltage
Typ.
M ax.
Min.
0
100
200
300
400
500
-50-25
0
25
50
75100
125
Temperature (oC)
Typ.
M ax.
Figure 7A. Turn-off Propagation Delay
vs. Tem perature
100
150
200
250
300
350
400
36
9
12
15
Input Voltage (V)
Figure 7C. Turn-off Propagation Delay
vs. Input Voltage
Typ.
M ax.
100
200
300
400
500
600
700
510
15
20
Supply Voltage (V)
Figure 7B. Turn-off Propagation Delay
vs. Supply Voltage
Typ.
M ax.


Similar Part No. - IR2302

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2302 IRF-IR2302 Datasheet
205Kb / 22P
   HALF-BRIDGE DRIVER
IR2302 IRF-IR2302 Datasheet
212Kb / 22P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR2302 INFINEON-IR2302 Datasheet
214Kb / 22P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60207 Rev.A
logo
International Rectifier
IR2302S IRF-IR2302S Datasheet
205Kb / 22P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR2302S INFINEON-IR2302S Datasheet
214Kb / 22P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60207 Rev.A
More results

Similar Description - IR2302

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21094SPBF IRF-IR21094SPBF Datasheet
355Kb / 25P
   Gate drive supply range from 10 to 20V
IR21844STRPBF IRF-IR21844STRPBF Datasheet
298Kb / 24P
   Gate drive supply range from 10 to 20V
IR2117STRPBF IRF-IR2117STRPBF Datasheet
272Kb / 18P
   Gate drive supply range from 10 to 20V
IR2184SPBF IRF-IR2184SPBF Datasheet
294Kb / 24P
   Gate drive supply range from 10 to 20V
IR2109PBF IRF-IR2109PBF Datasheet
355Kb / 25P
   Gate drive supply range from 10 to 20V
IR21084SPBF IRF-IR21084SPBF Datasheet
327Kb / 23P
   Gate drive supply range from 10 to 20V
IRS21850STRPBF IRF-IRS21850STRPBF Datasheet
344Kb / 20P
   Gate drive supply range from 10 V to 20 V
IRS4428STRPBF IRF-IRS4428STRPBF Datasheet
381Kb / 17P
   Gate drive supply range from 6 V to 20 V
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
   Gate drive supply range from 6 V to 20 V
logo
M.S. Kennedy Corporatio...
MSK0006 MSK-MSK0006_15 Datasheet
117Kb / 5P
   Single Supply Operation From 20V to 45V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com