Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGU01G64A1BG1SA-CCR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SGU01G64A1BG1SA-CCR
Description  1024MB DDR3 . SDRAM UDIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SGU01G64A1BG1SA-CCR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SGU01G64A1BG1SA-CCR Datasheet HTML 1Page - List of Unclassifed Manufacturers SGU01G64A1BG1SA-CCR Datasheet HTML 2Page - List of Unclassifed Manufacturers SGU01G64A1BG1SA-CCR Datasheet HTML 3Page - List of Unclassifed Manufacturers SGU01G64A1BG1SA-CCR Datasheet HTML 4Page - List of Unclassifed Manufacturers SGU01G64A1BG1SA-CCR Datasheet HTML 5Page - List of Unclassifed Manufacturers SGU01G64A1BG1SA-CCR Datasheet HTML 6Page - List of Unclassifed Manufacturers SGU01G64A1BG1SA-CCR Datasheet HTML 7Page - List of Unclassifed Manufacturers SGU01G64A1BG1SA-CCR Datasheet HTML 8Page - List of Unclassifed Manufacturers SGU01G64A1BG1SA-CCR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Data Sheet
Rev.1.1
11.04.2013
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 2
CH-9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 16
This Swissbit module is an industry standard 240-pin 8-byte DDR3 SDRAM Dual-In-line Memory Module
(UDIMM) which is organized as x64 high speed CMOS memory arrays. The module uses internally configured
octal-bank DDR3 SDRAM devices. The module uses double data rate architecture to achieve high-speed
operation. DDR3 SDRAM modules operate from a differential clock (CK and CK#). READ and WRITE accesses
to a DDR3 SDRAM module is burst-oriented; accesses start at a selected location and continue for a
programmed number of locations in a programmed sequence. The burst length is either four or eight locations. An
auto precharge function can be enabled to provide a self-timed row precharge that is initiated at the end of a burst
access. The DDR3 SDRAM devices have a multibank architecture which allows a concurrent operation that is
providing a high effective bandwidth. A self refresh mode is provided and a power-
saving “power-down” mode. All
inputs and all full drive-strength outputs are SSTL_15 compatible.
The DDR3 SDRAM module uses the serial presence detect (SPD) function implemented via serial EEPROM
using the standard I
2C protocol. This nonvolatile storage device contains 256 bytes. The first 128 bytes are
utilized by the DIMM manufacturer (Swissbit) to identify the module type, the module’s organization and several
timing parameters. The second 128 bytes are available to the end user.
Module Configuration
Organization
DDR3 SDRAMs used
Row
Addr.
Device Bank
Addr.
Column
Addr.
Refresh
Module Bank
Select
128M x 64bit
8 x 128M x 8bit (1024Mbit)
14
BA0, BA1, BA2
10
8k
S0#
Module Dimensions
in mm
133.35 (long) x 30(high) x 2.70[max] (thickness)
Timing Parameters
Part Number
Module Density
Transfer Rate
Clock Cycle/Data bit rate
Latency
SGU01G64A1BG1SA-BBR
1024 MB
8.5 GB/s
1.87ns/1066MT/s
7-7-7
SGU01G64A1BG1SA-CCR
1024 MB
10.6 GB/s
1.5ns/1333MT/s
9-9-9
SGU01G64A1BG1SA-DCR
1024 MB
12.8 GB/s
1.25ns/1600MT/s
11-11-11
Pin Name
A0
– A9, A11 – A13
Address Inputs
A10/AP
Address Input / Autoprecharge Bit
BA0
– BA2
Bank Address Inputs
DQ0
– DQ63
Data Input / Output
DM0
– DM7
Input Data Mask
DQS0
– DQS7
Data Strobe, positive line
DQS0# - DQS7#
Data Strobe, negative line (only used when differential data strobe mode is enabled)
S0#
Chip Select
RAS#
Row Address Strobe
CAS#
Column Address Strobe
WE#
Write Enable
CKE0
Clock Enable
Figure 1: Mechanical Dimensions


Similar Part No. - SGU01G64A1BG1SA-CCR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGU02G64A1BD1SA-BBR ETC2-SGU02G64A1BD1SA-BBR Datasheet
589Kb / 16P
   2048MB DDR3 . SDRAM UDIMM
SGU02G64A1BD1SA-CCR ETC2-SGU02G64A1BD1SA-CCR Datasheet
589Kb / 16P
   2048MB DDR3 . SDRAM UDIMM
SGU02G64A1BD1SA-DCR ETC2-SGU02G64A1BD1SA-DCR Datasheet
589Kb / 16P
   2048MB DDR3 . SDRAM UDIMM
SGU02G64A1BK1MT-BB[EW]R ETC2-SGU02G64A1BK1MT-BB[EW]R Datasheet
633Kb / 16P
   2048MB DDR3 ??SDRAM UDIMM
SGU02G64A1BK1MT-CC[E/W]R ETC2-SGU02G64A1BK1MT-CC[E/W]R Datasheet
633Kb / 16P
   2048MB DDR3 ??SDRAM UDIMM
More results

Similar Description - SGU01G64A1BG1SA-CCR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGU04G64A1BE1MT-BBR ETC-SGU04G64A1BE1MT-BBR Datasheet
655Kb / 16P
   4096MB DDR3 ??SDRAM UDIMM
SGU02G64A1BK1MT-BB[EW]R ETC2-SGU02G64A1BK1MT-BB[EW]R Datasheet
633Kb / 16P
   2048MB DDR3 ??SDRAM UDIMM
SGU02G64A1BD1SA-BBR ETC2-SGU02G64A1BD1SA-BBR Datasheet
589Kb / 16P
   2048MB DDR3 . SDRAM UDIMM
SGN01G64A2BG1MT-BBRT ETC2-SGN01G64A2BG1MT-BBRT Datasheet
557Kb / 15P
   1024MB DDR3 ??SDRAM SO-DIMM
SGN01G64D2BG1MT-BB[EW]RT ETC2-SGN01G64D2BG1MT-BB[EW]RT Datasheet
737Kb / 17P
   1024MB DDR3 . SDRAM SO-DIMM
SGN01G64D2BG1SA-BB[EW]RT ETC2-SGN01G64D2BG1SA-BB[EW]RT Datasheet
744Kb / 17P
   1024MB DDR3 ??SDRAM SO-DIMM
SGN01G64C1CQ1SA-CC[EW]RT ETC2-SGN01G64C1CQ1SA-CC[EW]RT Datasheet
722Kb / 17P
   1024MB DDR3 ??SDRAM SO-DIMM
SGU04G72J1BB1SA-BB[EW]RT ETC-SGU04G72J1BB1SA-BB[EW]RT Datasheet
712Kb / 17P
   4096MB DDR3 ??SDRAM ECC UDIMM
SGU04G72F1BB1SA-BBRT ETC-SGU04G72F1BB1SA-BBRT Datasheet
722Kb / 17P
   4096MB DDR3 . SDRAM ECC UDIMM
SGV01G72A1BG1SA-BB[W]RT ETC-SGV01G72A1BG1SA-BB[W]RT Datasheet
869Kb / 17P
   1024MB DDR3 . SDRAM ECC XR-DIMMTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com