Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGP04G72A1BD1SA-DCRT Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SGP04G72A1BD1SA-DCRT
Description  4GB DDR3 ?밨egistered ECC RDIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SGP04G72A1BD1SA-DCRT Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SGP04G72A1BD1SA-DCRT Datasheet HTML 5Page - List of Unclassifed Manufacturers SGP04G72A1BD1SA-DCRT Datasheet HTML 6Page - List of Unclassifed Manufacturers SGP04G72A1BD1SA-DCRT Datasheet HTML 7Page - List of Unclassifed Manufacturers SGP04G72A1BD1SA-DCRT Datasheet HTML 8Page - List of Unclassifed Manufacturers SGP04G72A1BD1SA-DCRT Datasheet HTML 9Page - List of Unclassifed Manufacturers SGP04G72A1BD1SA-DCRT Datasheet HTML 10Page - List of Unclassifed Manufacturers SGP04G72A1BD1SA-DCRT Datasheet HTML 11Page - List of Unclassifed Manufacturers SGP04G72A1BD1SA-DCRT Datasheet HTML 12Page - List of Unclassifed Manufacturers SGP04G72A1BD1SA-DCRT Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Preliminary
Data Sheet
Rev.0.9
16.01.2014
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 9
CH
– 9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 17
DDR3 SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND RECOMMENDED
AC OPERATING CONDITIONS
(0°C ≤ TCASE ≤ + 85°C; VDDQ = +1.5V ± 0.075V, VDD = +1.5V ± 0.075V)
AC CHARACTERISTICS
12800 CL11
10600 CL9
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
Unit
Clock cycle time
CL = 11
tCK (11)
1.25
1.5
-
-
ns
CL = 10
tCK (10)
1.5
<1.875
1.5
<1.875
ns
CL = 9
tCK (9)
1.5
<1.875
1.5
<1.875
ns
CL = 8
tCK (8)
1.875
<2.5
1.875
<2.5
ns
CL = 7
tCK (7)
1.875
<2.5
1.875
<2.5
ns
CL = 6
tCK (6)
2.5
3.3
2.5
3.3
ns
CL = 5
tCK (5)
3.0
3.3
3.0
3.3
ns
Read CMD to 1
st data
tAA
13.75
-
13.5
-
ns
CK high-level width
tCH (avg)
0.47
0.53
0.47
0.53
tCK
CK low-level width
tCL (avg)
0.47
0.53
0.47
0.53
tCK
Data-out high-impedance
window from CK/CK#
tHZ
-
225
-
250
ns
Data-out low-impedance window
from CK/CK#
tLZ
-450
225
-500
250
ns
DQ and DM input pulse width
( for each input )
tDIPW
360
-
400
-
ns
DQ-DQS hold, DQS to first DQ
to go non-valid, per access
tQH
0.38
-
0.38
-
tCK
(AVG)
DQS input high pulse width
tDQSH
0.45
0.55
0.45
0.55
tCK
DQS input low pulse width
tDQSL
0.45
0.55
0.45
0.55
tCK
DQS read preamble
tRPRE
0.9
Note
1
0.9
Note
1
tCK
DQS read postamble
tRPST
0.3
Note
2
0.3
Note
2
tCK
DQS write preamble
tWPRE
0.9
-
0.9
-
tCK
DQS write postamble
tWPST
0.3
-
0.3
-
tCK
1
The maximum preamble is bound by tLZDQS (MAX)
2
The maximum postamble is bound by tHZDQS (MAX)
The DQ, DQS setup and hold times as well as Command/Address setup and hold times need to be calculated using the
respective component data sheets with derating tables and the driver slew rate in combination with the JEDEC min/max
routing information


Similar Part No. - SGP04G72A1BD1SA-DCRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGP04G72D1BD2SA-BB[W]RT ETC2-SGP04G72D1BD2SA-BB[W]RT Datasheet
760Kb / 17P
   4096MB DDR3 ??registered ULP DIMM
SGP04G72D1BD2SA-CC[W]RT ETC2-SGP04G72D1BD2SA-CC[W]RT Datasheet
760Kb / 17P
   4096MB DDR3 ??registered ULP DIMM
More results

Similar Description - SGP04G72A1BD1SA-DCRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGP02G72A1BQ1SA-DCRT ETC2-SGP02G72A1BQ1SA-DCRT Datasheet
955Kb / 17P
   2048MB DDR3 ?밨egistered ECC RDIMM
logo
Micron Technology
MT18JDF1G72PDZ-1G6D1 MICRON-MT18JDF1G72PDZ-1G6D1 Datasheet
388Kb / 19P
   8GB (x72, ECC, DR) 240-Pin DDR3 VLP RDIMM Features
logo
List of Unclassifed Man...
SGP02G72D1BG2SA-BB[EW]RT ETC2-SGP02G72D1BG2SA-BB[EW]RT Datasheet
703Kb / 17P
   2048MB DDR3 . SDRAM RDIMM
logo
Hynix Semiconductor
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
logo
Advantech Co., Ltd.
AQD-SD3L4GE16-SG ADVANTECH-AQD-SD3L4GE16-SG Datasheet
208Kb / 12P
   204Pin DDR3 1600 1.35V ECC SO-DIMM 4GB Based on 512Mx8
2013-12-23
logo
Hynix Semiconductor
H5TQ4G43MFR HYNIX-H5TQ4G43MFR Datasheet
486Kb / 34P
   4Gb DDR3 SDRAM
H5TQ4G43AFR HYNIX-H5TQ4G43AFR Datasheet
458Kb / 35P
   4Gb DDR3 SDRAM
logo
Integrated Device Techn...
SSTE32882KB1 IDT-SSTE32882KB1 Datasheet
1Mb / 75P
   Pinout optimizes DDR3 RDIMM PCB layout
logo
List of Unclassifed Man...
VL-MM9-4SBN ETC2-VL-MM9-4SBN Datasheet
146Kb / 14P
   4GB 512Mx64 DDR3 SDRAM LOW VOLTAGE NON-ECC UNBUFFERED SODIMM 204-PIN
SEG04G72B1BC2MT-30R ETC2-SEG04G72B1BC2MT-30R Datasheet
749Kb / 16P
   4GB DDR2 . SDRAM registered SO-RDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com