Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR65-6 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MCR65-6
Description  SILICON CONTROLLED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MCR65-6 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MCR65-6 Datasheet HTML 1Page - Digitron Semiconductors MCR65-6 Datasheet HTML 2Page - Digitron Semiconductors MCR65-6 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130128
MCR65 SERIES
SILICON CONTROLLED RECTIFIER
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak repetitive forward and reverse voltage(1)
(TJ = 25 to +125°C, gate open)
MCR65-1
MCR65-2
MCR65-3
MCR65-4
MCR65-5
MCR65-6
MCR65-7
MCR65-8
MCR65-9
MCR65-10
VRRM, VDRM
25
50
100
200
300
400
500
600
700
800
Volts
Non-repetitive peak reverse blocking voltage
(t ≤ 5ms)(1)
MCR65-1
MCR65-2
MCR65-3
MCR65-4
MCR65-5
MCR65-6
MCR65-7
MCR65-8
MCR65-9
MCR65-10
VRSM
35
75
150
300
400
500
600
700
800
900
Volts
Forward current RMS
IT(RMS)
55
Amps
Peak surge current
(one cycle, 60Hz, TC = -40 to +125°C)
ITSM
550
Amps
Circuit fusing considerations
(t = 8.3ms)
I2t
1255
A2s
Peak gate power
PGM
20
Watts
Average gate power (Pulse width ≤ 2µs)
PG(AV)
0.5
Watts
Peak forward gate current
IGM
2
Amps
Forward peak gate voltage
Reverse peak gate voltage
VGFM
VGRM
10
Volts
Operating junction temperature range
TJ
-40 to +125
°C
Storage temperature range
Tstg
-40 to +150
°C
Mounting torque
30
In. lb.
Note 1: VDRM and VRRM for all types can be applied on a continuous basis without incurring damage. Ratings apply for zero or negative gate voltage. Devices shall not have a
positive bias applied to the gate concurrently with a negative potential on the anode.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Maximum
Unit
Thermal resistance, junction to case
Isolated stud
R
ӨJC
1.1
°C/W


Similar Part No. - MCR65-6

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MCR65-6 NJSEMI-MCR65-6 Datasheet
83Kb / 2P
   Silicon Controlled Rectifiers
MCR65-6 NJSEMI-MCR65-6 Datasheet
71Kb / 2P
   Silicon Controlled Rectifier
More results

Similar Description - MCR65-6

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
   SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
   SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com