Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR71 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MCR71
Description  55 AMP SILICON CONTROLLED RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MCR71 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MCR71 Datasheet HTML 1Page - Digitron Semiconductors MCR71 Datasheet HTML 2Page - Digitron Semiconductors MCR71 Datasheet HTML 3Page - Digitron Semiconductors MCR71 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MCR70-()A SERIES
35 AMP SILICON CONTROLLED RECTIFIER
MCR71 SERIES
55 AMP SILICON CONTROLLED RECTIFIER
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Value
Rating
Symbol
MCR70-()A
MCR71
Unit
Repetitive peak forward or reverse blocking voltage (1)
MCR70-()A
MCR71
2
3
6
VDRM/VRRM
50
100
400
Volts
Peak discharge current (2)
ITM
850
1700
Amps
On-state current (TC ≤ 75°C)
IT(RMS)
IT(AV)
35
22
55
35
Amps
Peak non-repetitive surge current
(1/2 cycle, sine wave, 60Hz, TJ = 125°C)
ITSM
350
550
Amps
Circuit fusing (t = 8.3 ms)
I2t
510
1255
A2s
Critical rate of rise of current (3)
di/dt
100
200
A/µs
Forward peak gate power (t ≤ 20µs)
PGM
20
Watts
Forward average gate power
PG(AV)
0.5
Watts
Forward peak gate current (t ≤ 20µs)
IGM
2
Amps
Operating junction storage temperature range
TJ
-40 to +125
°C
Storage temperature range
Tstg
-40 to +150
°C
Mounting torque
-
30
In. lb.
1.
The rated voltage can be applied over the rated operating junction temperatures without incurring damage. Ratings apply for shorted-open or shorted-gate conditions
or negative voltage on the gate. Devices should not be tested for blocking capability in a manner such that the voltage supplied exceeds the rated blocking voltages.
2.
Rating is for tw = 1ms.
3.
Test conditions: IG = 150mA, VD = Rated VDRM, ITM = Rated value, TJ = 125°C.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal resistance, junction to case
R
ӨJC
1
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Peak forward or reverse blocking current (rated VDRM or VRRM)
(TJ = 25°C)
(TJ = 125°C)
IDRM, IRRM
-
-
-
-
10
2
µA
mA
On-state voltage (1)
(ITM = 70A)
(ITM = 175A)
(ITM = 850A, tw = 1ms) (2)
(ITM = 1700A, tw = 1ms) (2)
MCR70 SERIES
MCR71 SERIES
MCR70 SERIES
MCR71 SERIES
VTM
-
-
-
-
1.5
1.7
6
7
1.85
2.1
-
-
Volts
Gate trigger current (continuous dc)
(VD = 12V, RL = 100Ω)
IGT
2
10
30
mA
Gate trigger voltage (continuous dc)
(VD = 12V, RL = 100Ω)
(VD = rated VDRM, RL = 1kΩ, TJ = 125°C)
VGT
-
0.2
1
-
1.5
-
Volts
Holding current (ITM = 0.5A, gate open)
IH
3
15
50
mA
Latching current (VD = 12Vdc, IG = 150mA, tr ≤ 50µs)
IL
-
30
60
mA
Critical rate of rise off state voltage
(VD = rated VDRM, gate open, exponential waveform, TC = 125°C)
dv/dt
10
-
-
V/µs
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


Similar Part No. - MCR71

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MCR71 DIGITRON-MCR71 Datasheet
575Kb / 4P
   35 AMP SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
MCR71 NJSEMI-MCR71 Datasheet
124Kb / 2P
   SCRs 24 and 55 AMPERES RMS 50 thru 400 VOLTS
logo
ON Semiconductor
MCR716 ONSEMI-MCR716 Datasheet
68Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers(SCRs 4.0 AMPERES RMS 400 - 600 VOLTS)
August, 2004 ??Rev. 4
MCR716 ONSEMI-MCR716 Datasheet
60Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 5
logo
TRANSYS Electronics Lim...
MCR716 TEL-MCR716 Datasheet
142Kb / 1P
   Silicon Controlled Rectifier
More results

Similar Description - MCR71

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5539 NTE-NTE5539 Datasheet
19Kb / 2P
   Silicon Controlled Rectifier (SCR) 55 Amps
logo
Microsemi Corporation
05012GOF-050 MICROSEMI-05012GOF-050 Datasheet
545Kb / 6P
   50 Amp Silicon Controlled Rectifier
Rev. 2
logo
Digitron Semiconductors
2N3027 DIGITRON-2N3027 Datasheet
367Kb / 7P
   0.5 AMP SILICON CONTROLLED RECTIFIER
MCR70 DIGITRON-MCR70 Datasheet
575Kb / 4P
   35 AMP SILICON CONTROLLED RECTIFIER
2N1875 DIGITRON-2N1875 Datasheet
170Kb / 2P
   1.25 AMP SILICON CONTROLLED RECTIFIER
logo
NTE Electronics
NTE5511 NTE-NTE5511 Datasheet
22Kb / 2P
   Silicon Controlled Rectifier (SCR) 5 Amp
NTE5590 NTE-NTE5590 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) 470 Amp
NTE5368 NTE-NTE5368 Datasheet
19Kb / 2P
   Silicon Controlled Rectifier (SCR) 125 Amp
NTE5417 NTE-NTE5417 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR) 10 Amp
NTE5480 NTE-NTE5480 Datasheet
22Kb / 2P
   Silicon Controlled Rectifier (SCR) 8 Amp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com