Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR201 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MCR201
Description  SILICON CONTROLLED RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MCR201 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MCR201 Datasheet HTML 1Page - Digitron Semiconductors MCR201 Datasheet HTML 2Page - Digitron Semiconductors MCR201 Datasheet HTML 3Page - Digitron Semiconductors MCR201 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MCR201-MCR206
SILICON CONTROLLED RECTIFIERS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak off-state and reverse voltage
MCR201
MCR202
MCR203
MCR204
MCR205
MCR206
VDRM, VRRM
15
30
60
100
150
200
Volts
RMS on-state current (all conduction angles)
IT(RMS)
0.5
Amp
Peak non-repetitive forward surge current
(1/2 cycle, sine wave, 60Hz)
ITSM
6.0
Amp
Circuit fusing considerations (t = 1.0 to 8.3ms)
I2t
0.15
A2s
Peak forward gate power
PGM
0.1
Watt
Average forward gate power
PGF(AV)
0.01
Watt
Peak forward gate current (300µs, 120PPS)
IGFM
1.0
Amp
Peak reverse gate voltage
VGRM
4.0
Volts
Operating junction temperature range @ VRRM and VDRM
TJ
-65 to 125
°C
Storage temperature range
Tstg
-65 to 150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal resistance, junction to case
R
ӨJC
150
°C/W
Thermal resistance, junction to ambient
R
ӨJA
400
°C/W
ELECTRICAL CHARACTERISTICS (RGK = 1000ohms)
Characteristic
Symbol
Min
Max
Unit
Peak forward blocking current
Rated VDRM @ TC = 125°C
IDRM
-
100
µA
Peak reverse blocking current
Rated VRRM @ TC = 125°C
IRRM
-
100
µA
Peak on-state voltage
ITM = 1.2A peak, 1ms, duty cycle ≤ 1%
VTM
-
1.7
Volts
Gate trigger current (continuous dc)(1)
Anode voltage = 7.0Vdc, RL = 100ohms)
TC = 25°C
TC = -65°C
IGT
-
-
200
350
µA
Gate trigger voltage (continuous dc)
Anode voltage = 7.0Vdc, RL = 100ohms)
TC = 25°C
TC = -65°C
TC = 125°C
VGT
-
-
0.1
0.8
1.2
-
Volts
Holding current
Anode voltage = 7.0Vdc, initiating current = 20mA)
TC = 25°C
TC = -65°C
IH
-
-
5.0
10
mA
Note 1: RGK current is not included in measurement.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


Similar Part No. - MCR201

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MCR201 NJSEMI-MCR201 Datasheet
98Kb / 2P
   SIGNAL THYRISTORS
More results

Similar Description - MCR201

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com