Electronic Components Datasheet Search |
|
1-5179029-0 Datasheet(PDF) 9 Page - Tyco Electronics |
|
1-5179029-0 Datasheet(HTML) 9 Page - Tyco Electronics |
9 / 13 page 78 Catalog 889092 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 9-06 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are standard equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 0.8mm Free Height Vertical Plugs, 0.8 [.031] Pitch (Continued) Fine Pitch SMT Stacking Connectors (Parallel Board-to-Board) 5mm Receptacles for 5 [.197], 6 [.236], 7 [.276] and 8 [.315] Stacking Heights Material and Finish Housing — High temperature thermo- plastic, natural color, 94V-0 rated Contacts — Beryllium copper; duplex plated 0.00020 [.000008] min. gold on contact area, 0.00100 [.000039] min. tin on solder area, with entire contact underplated 0.00130 [.000051] min. nickel Related Product Data Performance Characteristics — page 71 Stacking Height Combinations — page 72 Mating Plugs — pages 74 thru 77, and 81 Technical Documents (page 113) Product Specification 108-5390 A A A B C A Section A - A Recommended PC Board Layout 0.8 Typ. [.031] 0.5 Typ. [.020] 0.8 Typ. [.031] 2.5 Typ. [.098] 2.0 [.079] 6.4 [.252] 2.0 [.079] 0.5 [.020] 3.75 [.148] 3.8 [.150] 6.0 [.236] 5.6 [.220] 2.55 [.100] 0.3 [.012] Typ. 2.5 [.098] 2.5 [.098] 12.0 [.472] C Position No. 1 Indicator 0.8±0.03 [.031±.001] Dia. 1.2±0.03 [.047±.001] Dia. Dimensions No. of Plating Part Numbers ABC Positions Type Tube Tube w/ Pickup Cap Tape and Reel 15.20 21.80 20.20 40 8µ" Au 5177983-1 5179229-1 5177985-1 .598 .858 .795 30µ" Au 6123000-1 — 5353999-1 23.20 29.80 28.20 60 8µ" Au 5177983-2 5179229-2 5177985-2 .913 1.173 1.110 30µ" Au 6123000-2 — 5353999-2 31.20 37.80 36.20 80 8µ" Au 5177983-3 5179229-3 5177985-3 1.228 1.488 1.425 30µ" Au 6123000-3 — 5353999-3 39.20 45.80 44.20 100 8µ" Au 5177983-4 5179229-4 5177985-4 1.543 1.803 1.740 30µ" Au 6123000-4 — 5353999-4 47.20 53.80 52.20 120 8µ" Au 5177983-5 5179229-5 5177985-5 1.858 2.118 2.055 30µ" Au 6123000-5 — 5353999-5 55.20 61.80 60.20 140 8µ" Au 5177983-6 5179229-6 5177985-6 2.173 2.433 2.370 30µ" Au 6123000-6 — 5353999-6 63.20 69.80 68.20 160 8µ" Au 5177983-8 5179229-8 5177985-8 2.488 2.748 2.685 30µ" Au 6123000-8 — 5353999-8 71.20 77.80 76.20 180 8µ" Au 5177983-9 5179229-9 — 2.803 3.063 3.000 30µ" Au 6123000-9 — — 79.20 85.80 84.20 200 8µ" Au 1-5177983-0 1-5179229-0 — 3.118 3.378 3.315 30µ" Au 1-6123000-0 — — Note: Part Numbers are RoHS compliant. |
Similar Part No. - 1-5179029-0 |
|
Similar Description - 1-5179029-0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |