Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFSA256GQ1BJATO-C-NU-226 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SFSA256GQ1BJATO-C-NU-226
Description  Industrial SATA SSD 2.5?쇺?
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFSA256GQ1BJATO-C-NU-226 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SFSA256GQ1BJATO-C-NU-226 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFSA256GQ1BJATO-C-NU-226 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFSA256GQ1BJATO-C-NU-226 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFSA256GQ1BJATO-C-NU-226 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFSA256GQ1BJATO-C-NU-226 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFSA256GQ1BJATO-C-NU-226 Datasheet HTML 9Page - List of Unclassifed Manufacturers SFSA256GQ1BJATO-C-NU-226 Datasheet HTML 10Page - List of Unclassifed Manufacturers SFSA256GQ1BJATO-C-NU-226 Datasheet HTML 11Page - List of Unclassifed Manufacturers SFSA256GQ1BJATO-C-NU-226 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Swissbit AG
Swissbit reserves the right to change products or specifications without notice.
Revision: 1.02
Industriestrasse 4-8
CH-9552 Bronschhofen
www.swissbit.com
X-500_data_sheet_SA-QxBJ_Rev102.doc
Switzerland
industrial@swissbit.com
Page 8 of 53
4.3 Environmental Specifications
4.3.1 Recommended Operating Conditions
Table 5: Recommended Operating Conditions
Parameter
Value
Commercial Operating Temperature
0°C to 70°C
Industrial Operating Temperature
-40°C to 85°C
Power Supply VCC Voltage
4.5V to 5.5V *)
*) SSD reset below 4.2V
Table 6: Current consumption @5V *)
Current Consumption (mA) typ/max
partial/
slumber
Idle Mode
Read
Write
QErase
Sanitize
Unit
16GB
100/120
155/170
270/300
330/400
270
395
mA
32GB
100/120
155/170
270/300
370/420
440
510
64GB
100/120
155/170
310/360
380/450
680
530
128GB
120/140
175/190
370/410
420/480
680
530
256GB
120/140
165/190
370/410
470/550
680
580
512GB
120/140
175/190
350/390
420/480
620
960
*) All values are typical at 25° C and nominal supply voltage and refer to SATAII sequential performance test
random pattern.
Due to simultaneous flash erase operations current bursts of up to 2000mA can occur for a few milliseconds. The
voltage at the connector must be kept always above 4.2V. Otherwise the SSD performs a reset.
4.3.2 Recommended Storage Conditions
Table 7: Recommended Storage Conditions
Parameter
Value
Commercial Storage Temperature
-55°C to 95°C *)
Industrial Storage Temperature
-55°C to 95°C *)
*) Storage Temperatures above 40°C can reduce the data retention
4.3.3 Shock, Vibration, and Humidity
Table 8: Shock, Vibration, and Humidity
Parameter
Value
Humidity (non-condensing)
85% RH 85°C, 1000 hrs (JEDEC JESD22, method A101-B)
Vibration
MIL-STD810; 20G, 10-2000Hz Random
Shock
MIL-STD810; 2000G, 0.4ms; 50G 11ms
4.4 Physical Dimensions
Table 9: Physical Dimensions
Physical Dimensions
Unit
Length
100.1±0.2
mm
Width
69.85±0.2
Thickness
9.2±0.2
Weight (typ.)
80
g
4.5 Reliability
Table 10: System Reliability and Maintenance
Parameter
Value
MTBF (at 25°C)
≥ 2,000,000 hours
Insertions/Removals
> 1,000 (connector with latch)
Data Retention SLC (JESD47)
10 years @ down to 90% average erase count (up to 10k PE cycles)
1 year
@ life end (100k PE cycles)
Data retention would be reduced by high temperature operation and storage.


Similar Part No. - SFSA256GQ1BJATO-C-NU-226

ManufacturerPart #DatasheetDescription
logo
C&K Components
SFS CK-COMPONENTS-SFS Datasheet
164Kb / 3P
   Mid-Travel, Soft Sound Tact Switch
1 Dec 20
logo
Source Photonics, Inc.
SFS-34-24T-HP-CDA SOURCE-SFS-34-24T-HP-CDA Datasheet
329Kb / 10P
   Integrated Diplexer Transceiver
SFS-34-24T-HP-TDA SOURCE-SFS-34-24T-HP-TDA Datasheet
329Kb / 10P
   Integrated Diplexer Transceiver
logo
NXP Semiconductors
SFS069730 PHILIPS-SFS069730 Datasheet
58Kb / 9P
   UCODE HSL
October 2003
logo
Z-Communications, Inc
SFS0792C-LF ZCOMM-SFS0792C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer
More results

Similar Description - SFSA256GQ1BJATO-C-NU-226

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
G3200 GREENLIANT-G3200 Datasheet
160Kb / 5P
   SATA 2.5 EnduroSLC Industrial Enterprise SSD
G3100 GREENLIANT-G3100 Datasheet
1Mb / 2P
   SATA 2.5 Enterprise SSD
logo
Adlink Technology Inc.
SSB016GTTC7-SBA-1A ADLINK-SSB016GTTC7-SBA-1A Datasheet
277Kb / 3P
   2.5 inch SATA SSD for Industrial Embedded Applications
logo
Advantech Co., Ltd.
SQF-S25-520 ADVANTECH-SQF-S25-520 Datasheet
623Kb / 1P
   SATA II (3.0Gb) 2.5" SSD
30-Jan-2013
SQF-S25520 ADVANTECH-SQF-S25520 Datasheet
637Kb / 1P
   SATA II (3.0Gb) 2.5 SSD
30-Jan-2013
SQF-S25-630 ADVANTECH-SQF-S25-630 Datasheet
658Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
22-Feb-2016
SQF-S25-640 ADVANTECH-SQF-S25-640 Datasheet
483Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
25-Jul-2017
SQF-S25-650 ADVANTECH-SQF-S25-650 Datasheet
367Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
1-Aug-2022
logo
Greenliant systems
G31U480R GREENLIANT-G31U480R Datasheet
146Kb / 5P
   SATA 2.5 Enterprise SSD PX Series
logo
PHOENIX CONTACT
2400032 PHOENIX-2400032 Datasheet
49Kb / 1P
   160 GB, 2.5" SATA SSD kit with tray for Designline industrial PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com