Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10191 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 10191
Description  Smooth, high torque, roller ratchet handle
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10191 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  10191 Datasheet HTML 1Page - List of Unclassifed Manufacturers 10191 Datasheet HTML 2Page - List of Unclassifed Manufacturers 10191 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.wihatools.com
Wiha Quality Tools
Germany
97
101 91
SYSTEM 6 Slotted & Phillips
Interchangeable Blade Set, 8 Pcs. in Durable
Pouch. Set includes ESD Safe Collet Lock
handle & 7 interchangeable blades.
Item
No.
101 91
lbs. .75
Each $35.48
Slotted: 3.0, 4.0, 6.0, 8.0mm Phillips: 0, 1, 2
Wiha ESD Safe Dynamic Handle
106 91 SYS 6 Nut Driver Metric Interchangeable
Blade Set, 11 Pcs. in Durable Pouch. Set includes
ESD Safe Collet Lock handle and 10 Drive-Loc VI
blades.
Item
No.
106 91
lbs. 1.16
Each $49.98
Metric: 4.0, 4.5, 5.0, 5.5, 6.0, 7.0, 8.0,
9.0, 10.0, 11.0mm
Wiha ESD Safe Dynamic Handle
107 91
SYS 6
SYS 4
SYSTEM 6 Inch Nut Drivers,
Slotted & Phillips Interchangeable Blade Set,
14 Pcs. in Durable Pouch. Set includes ESD
Safe Dynamic Collet Lock handle and 13 Wiha
interchangeable Drive-Loc VI blades.
Item
No.
109 51
lbs. 1.14
Each $62.98
Slotted: 4.5, 6.5
Phillips: 1, 2
Nut Driver Inch: 3/16, 7/32, 1/4, 9/32, 5/16,
11/32, 3/8, 7/16, 1/2”
ESD Safe Dynamic Handle
109 51
SYSTEM 6/4
Interchangeable
Blade Set, 9 Pcs. in Durable Pouch. Set includes
ESD Safe Precision and Dynamic handles and
7 Wiha interchangeable blades.
Item
No.
107 91
lbs. .71
Each $47.82
SYS 4: T5, T6, T7, T8, T9, T10, T15
SYS 6: T20, T25, T30
ESD Safe Precision & Dynamic Handle Set
Wiha ESD Safe SYSTEM 6 Sets
Rugged Polyester Canvas Storage Pouch Holds 14
SYSTEM 6 blades & handle. Has security flaps and velcro closer.
Item
No.
Size
lbs.
pkg.
Each
911 18
14 1/2” W x 7 3/4” L
.13
1
$6.22
911 18
(Replacement pouch only)
D
D
D
D


Similar Part No. - 10191

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10191 ETC1-10191 Datasheet
66Kb / 1P
   HEX ECL/MST TRANSLATOR
logo
Festo Corporation.
10191 FESTO-10191 Datasheet
87Kb / 1P
   Front panel valve
4/10/22
logo
Heyco.
10191 HEYCO-10191 Datasheet
115Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
SICK AG
1019132 SICK-1019132 Datasheet
654Kb / 6P
   MID RANGE DISTANCE SENSORS
1019162 SICK-1019162 Datasheet
1Mb / 7P
   CONTRAST SENSORS
More results

Similar Description - 10191

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
32641 ETC-32641 Datasheet
261Kb / 1P
   Wiha T-handle Hex Tools Ergonomic handle design for high torque
logo
Ralston Instruments.
QTHP-0020 RALSTON-QTHP-0020 Datasheet
267Kb / 1P
   HP, XH moveable handle assembly, rivets, roller
logo
Molex Electronics Ltd.
130176-0009 MOLEX11-130176-0009 Datasheet
23Kb / 1P
   Aero-Motive Torque Reel with Rigid Mount with Ratchet Lock
logo
Tyco Electronics
408-10309 MACOM-408-10309 Datasheet
229Kb / 4P
   The tool frame features two jaws, a handle, ratchet adjustment wheel, and an emergency ratchet release.
408-10370 MACOM-408-10370 Datasheet
237Kb / 5P
   The tool frame features two jaws, a handle, ratchet adjustment wheel, and an emergency ratchet release.
408-10281 MACOM-408-10281 Datasheet
306Kb / 4P
   The tool frame features two jaws, a handle, ratchet adjustment wheel, and an emergency ratchet release.
logo
Molex Electronics Ltd.
1301760008 MOLEX11-1301760008 Datasheet
47Kb / 1P
   Aero-Motive Torque Reel with Rigid Mount with Ratchet Lock, Weight Range
1301760009 MOLEX11-1301760009 Datasheet
47Kb / 1P
   Aero-Motive Torque Reel with Rigid Mount with Ratchet Lock, Weight Range
130176-0008 MOLEX11-130176-0008 Datasheet
23Kb / 1P
   Aero-Motive Torque Reel with Rigid Mount with Ratchet Lock, Weight Range
logo
PANDUIT CORP.
MR20 PANDUIT-MR20 Datasheet
94Kb / 1P
   RATCHET TOOL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com