Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

18387 Datasheet(PDF) 1 Page - Vicor Corporation

Part # 18387
Description  16. Through-hole Socket Mount System (InMate)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

18387 Datasheet(HTML) 1 Page - Vicor Corporation

  18387 Datasheet HTML 1Page - Vicor Corporation 18387 Datasheet HTML 2Page - Vicor Corporation 18387 Datasheet HTML 3Page - Vicor Corporation 18387 Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design Guide & Applications Manual
For Maxi, Mini, Micro Family DC-DC Converters and Configurable Power Supplies
Maxi, Mini, Micro Design Guide
Rev 4.8
vicorpower.com
Page 76 of 88
Apps. Eng. 800 927.9474
800 735.6200
16. Through-hole Socket Mount System (InMate)
InMates are an innovative solution for through-hole socket
requirements. Consisting of individual plastic carriers for
the input and the output, each contains an array of sockets
for either a full, half or quarter-brick sized module. The
sockets are factory loaded into the carrier, which holds
them rigidly in place throughout the assembly and soldering
process. The carriers are later removed, leaving the sockets
accurately positioned.
Designed for use with pin-compatible Maxi, Mini, and
Micro Family converters, InMates are available for a wide
range of PCB sizes and mounting styles. PCB thicknesses
can range from 0.055"(1,39 mm) to 0.1375"(3,49 mm).
Sockets also allow for mounting modules either inboard,
with a cutout in the PCB for the module, to minimize the
height above the board, or onboard. InMates are compati-
ble with the ModuMate or RoHS pin style.
InMates are available in standard recyclable JEDEC style
trays for use with automated pick-and-place equipment
and are compatible with most standard wave or hand
solder operations. The sockets are soldered into the board
as part of the PCB assembly process. The module can then
be plugged into place at anytime later.
NOTE: Please refer to Section 13 of the design guide
for the InMate soldering procedure.
Insert
Solder
Remove Carrier
Insert Module
Figure 16–1
— InMate carrier / socket assembly and soldering process


Similar Part No. - 18387

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1838 3M-1838 Datasheet
140Kb / 6P
   3M??Scotch-Weld??Epoxy Adhesive 1838 B/A Green
logo
Weidmuller
1838080000 WEIDMULLER-1838080000 Datasheet
434Kb / 21P
   System pitch 5.08 mm (0.200 inch) BLZP 5.08/12/180 SN BK BX
logo
PHOENIX CONTACT
1838226 PHOENIX-1838226 Datasheet
54Kb / 4P
   Printed-circuit board connector - PC 4/ 4-ST-7,62 BK
1838268 PHOENIX-1838268 Datasheet
59Kb / 4P
   Printed-circuit board connector - MVSTBW 2,5/ 6-ST-5,08 BK
logo
Weidmuller
1838310000 WEIDMULLER-1838310000 Datasheet
434Kb / 21P
   System pitch 5.08 mm (0.200 inch) BLZP 5.08/12/180 SN BK BX
More results

Similar Description - 18387

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
PX-20LCC KYCON-PX-20LCC Datasheet
1Mb / 1P
   Through Hole PLCC Socket
logo
CAMBION Electronic Comp...
450-3256 CAMBION-450-3256 Datasheet
26Kb / 1P
   Solder mount, through hole socket, for .080 (2,03) diameter pins
450-3286 CAMBION-450-3286 Datasheet
26Kb / 1P
   Solder mount, through hole socket, for .040 (1,02) diameter pins
450-1812 CAMBION-450-1812 Datasheet
25Kb / 1P
   Solder mount, through hole socket, for .065 (1,65) diameter pins
450-3293 CAMBION-450-3293 Datasheet
27Kb / 1P
   Solder mount, through hole socket, for .025 (0,64) diameter pins
logo
Samtec, Inc
SFM-105-02-S-D-LC SAMTEC-SFM-105-02-S-D-LC Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFM-110-02-S-D-A SAMTEC-SFM-110-02-S-D-A Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE TIGER EYE??SOCKET
SSQ-105-04-S-T SAMTEC-SSQ-105-04-S-T Datasheet
1Mb / 2P
   THROUGH-HOLE .025" SQ POST SOCKET
SSQ-102-01-L-S SAMTEC-SSQ-102-01-L-S Datasheet
1Mb / 2P
   THROUGH-HOLE .025" SQ POST SOCKET
SSW-108-01-T-S SAMTEC-SSW-108-01-T-S Datasheet
1Mb / 2P
   THROUGH-HOLE .025 SQ POST SOCKET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com