Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5084614-4 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 5084614-4
Description  Stacking Height Guide for Parallel Board-to-Board Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5084614-4 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 5084614-4 Datasheet HTML 5Page - Tyco Electronics 5084614-4 Datasheet HTML 6Page - Tyco Electronics 5084614-4 Datasheet HTML 7Page - Tyco Electronics 5084614-4 Datasheet HTML 8Page - Tyco Electronics 5084614-4 Datasheet HTML 9Page - Tyco Electronics 5084614-4 Datasheet HTML 10Page - Tyco Electronics 5084614-4 Datasheet HTML 11Page - Tyco Electronics 5084614-4 Datasheet HTML 12Page - Tyco Electronics 5084614-4 Datasheet HTML 13Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
78
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
0.8mm Free Height Vertical Plugs, 0.8 [.031] Pitch (Continued)
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
5mm Receptacles for
5 [.197], 6 [.236],
7 [.276] and 8 [.315]
Stacking Heights
Material and Finish
Housing — High temperature thermo-
plastic, natural color, 94V-0 rated
Contacts — Beryllium copper; duplex
plated 0.00020 [.000008] min. gold on
contact area, 0.00100 [.000039] min. tin
on solder area, with entire contact
underplated 0.00130 [.000051] min.
nickel
Related Product Data
Performance Characteristics —
page 71
Stacking Height Combinations —
page 72
Mating Plugs — pages 74 thru 77,
and 81
Technical Documents (page 113)
Product Specification
108-5390
A
A
A
B
C
A
Section A - A
Recommended PC Board Layout
0.8
Typ.
[.031]
0.5
Typ.
[.020]
0.8
Typ.
[.031]
2.5
Typ.
[.098]
2.0
[.079]
6.4
[.252]
2.0
[.079]
0.5
[.020]
3.75
[.148]
3.8
[.150]
6.0
[.236]
5.6 [.220]
2.55
[.100]
0.3
[.012]
Typ.
2.5
[.098]
2.5
[.098]
12.0
[.472]
C
Position No. 1
Indicator
0.8±0.03
[.031±.001] Dia.
1.2±0.03
[.047±.001] Dia.
Dimensions
No. of
Plating
Part Numbers
ABC
Positions
Type
Tube
Tube w/ Pickup Cap
Tape and Reel
15.20
21.80
20.20
40
8µ" Au
5177983-1
5179229-1
5177985-1
.598
.858
.795
30µ" Au
6123000-1
5353999-1
23.20
29.80
28.20
60
8µ" Au
5177983-2
5179229-2
5177985-2
.913
1.173
1.110
30µ" Au
6123000-2
5353999-2
31.20
37.80
36.20
80
8µ" Au
5177983-3
5179229-3
5177985-3
1.228
1.488
1.425
30µ" Au
6123000-3
5353999-3
39.20
45.80
44.20
100
8µ" Au
5177983-4
5179229-4
5177985-4
1.543
1.803
1.740
30µ" Au
6123000-4
5353999-4
47.20
53.80
52.20
120
8µ" Au
5177983-5
5179229-5
5177985-5
1.858
2.118
2.055
30µ" Au
6123000-5
5353999-5
55.20
61.80
60.20
140
8µ" Au
5177983-6
5179229-6
5177985-6
2.173
2.433
2.370
30µ" Au
6123000-6
5353999-6
63.20
69.80
68.20
160
8µ" Au
5177983-8
5179229-8
5177985-8
2.488
2.748
2.685
30µ" Au
6123000-8
5353999-8
71.20
77.80
76.20
180
8µ" Au
5177983-9
5179229-9
2.803
3.063
3.000
30µ" Au
6123000-9
79.20
85.80
84.20
200
8µ" Au
1-5177983-0
1-5179229-0
3.118
3.378
3.315
30µ" Au
1-6123000-0
Note: Part Numbers are RoHS compliant.


Similar Part No. - 5084614-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5084614-1 MACOM-5084614-1 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
5084614-2 MACOM-5084614-2 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
5084614-6 MACOM-5084614-6 Datasheet
769Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
5084614-8 MACOM-5084614-8 Datasheet
769Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
5084614-9 MACOM-5084614-9 Datasheet
769Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
More results

Similar Description - 5084614-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5120532-1 MACOM-5120532-1 Datasheet
260Kb / 7P
   Stacking Height Guide for Parallel Board-to-Board Applications
5177984-6 MACOM-5177984-6 Datasheet
769Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
1-5316135-1 MACOM-1-5316135-1 Datasheet
471Kb / 15P
   Stacking Height Guide for Parallel Board-to-Board Applications
421686 MACOM-421686 Datasheet
327Kb / 9P
   Stacking Height Guide for Parallel Board-to-Board Applications
5-5179010-2 MACOM-5-5179010-2 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
logo
Japan Aviation Electron...
WP10 JAE-WP10 Datasheet
898Kb / 7P
   Stacking Type Board-to-Board (FPC) Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
   0.4mm Pitch, Stacking Type Board-to-Board Connector
AA07 JAE-AA07 Datasheet
449Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com