Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC34363 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UC34363
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC34363 Datasheet(HTML) 2 Page - Unisonic Technologies

  UC34363 Datasheet HTML 1Page - Unisonic Technologies UC34363 Datasheet HTML 2Page - Unisonic Technologies UC34363 Datasheet HTML 3Page - Unisonic Technologies UC34363 Datasheet HTML 4Page - Unisonic Technologies UC34363 Datasheet HTML 5Page - Unisonic Technologies UC34363 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UC34363
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R103-059.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VCC
Power Supply
2
CV-
Negative Input of the Voltage Amplifier
3
ENABLE
Enable Controlled ON/OFF for IC
4
VREF
3V external Voltage Reference
5
CC+
Positive Input of Current Amplifier
6
CC-
Negative Input of Current Amplifier
7
OUTPUT
Output
8
GND
Ground


Similar Part No. - UC34363

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC34363 UTC-UC34363 Datasheet
134Kb / 4P
   BATTERY CHARGERS
UC34363G-S08-R UTC-UC34363G-S08-R Datasheet
134Kb / 4P
   BATTERY CHARGERS
UC34363L-S08-R UTC-UC34363L-S08-R Datasheet
134Kb / 4P
   BATTERY CHARGERS
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
   BATTERY CHARGERS
More results

Similar Description - UC34363

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM608 UTC-UM608 Datasheet
142Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
STMicroelectronics
TSM105 STMICROELECTRONICS-TSM105 Datasheet
95Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051_09 Datasheet
293Kb / 8P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
TS1052 TSC-TS1052 Datasheet
289Kb / 8P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
STMicroelectronics
TSM1011_0311 STMICROELECTRONICS-TSM1011_0311 Datasheet
170Kb / 9P
   Constant Voltage and Constant Current Controller for Battery Chargers and Adapters
TSM1011 STMICROELECTRONICS-TSM1011 Datasheet
167Kb / 9P
   Constant Voltage and Constant Current Controller for Battery Chargers and Adapters
logo
Rohm
BD6550G ROHM-BD6550G Datasheet
199Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051A IKSEMICON-IK3051A Datasheet
292Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com