Electronic Components Datasheet Search |
|
197-146 Datasheet(PDF) 11 Page - Altech corporation |
|
197-146 Datasheet(HTML) 11 Page - Altech corporation |
11 / 18 page Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com 52 TG1612-9 – ABS and Polycarbonate – 162 x 122 x 90 mm (6.38 x 4.80 x 3.54 in.) Standard Features • Protection Level: IP67 (NEMA 4X) • Technical: Smooth Sidewalls Gray or Tinted Transparent Cover Standard or Quick Turn Screws 135 x 95 x 0.4 mm Recess in Cover Integrated Cover Retainer • UL Recognized Enclosure Materials: ABS or Polycarbonate • Transparent Cover Material: Polycarbonate • Gasket Material: Polyurethane • Color: Light Gray • Material Temperature Range: ABS -40˚C to 80˚C (-40˚F to 176˚F) Polycarbonate -40˚C to 120˚C (-40˚F to 248˚F) • Accessories: See section below TG Ordering Cat. No. Cat. No. Dimensions mm (in) Std. Information w/ Standard Screws w/ Quick Turn Screws Type Length Width Height Pk. ABS Gray cover 100-407-91 100-407-01 TGABS1612-6-o 162 mm (6.38 in.) 122 mm (4.80 in.) 90 mm (3.54 in.) 1 Transparent cover 101-007-91 101-007-01 TGABS1612-6-to 162 mm (6.38 in.) 122 mm (4.80 in.) 90 mm (3.54 in.) 1 Polycarbonate Gray cover 200-407-91 200-407-01 TGPC1612-6-o 162 mm (6.38 in.) 122 mm (4.80 in.) 90 mm (3.54 in.) 1 Transparent cover 201-007-91 201-007-01 TGPC1612-6-to 162 mm (6.38 in.) 122 mm (4.80 in.) 90 mm (3.54 in.) 1 Accessories Ordering Std. Information Cat. No. Type Pk. Mounting Plate (plastic) 186-007 TGMPI-1612 1 Mounting Plate (steel) 187-007 TGMPS-1612 1 DIN Rail – TS35-146 198-146 NS35-146 1 DIN Rail - TS15-146 197-146 TS15-146 1 Internal Hinge Kit Set (longside) 182-001 TGISS 1 Mounting Tab Kit 182-002 TGABL 1 Please refer to pages 136-140 additional accessories and detailed information E254144 Polycarbonate with standard screws Only |
Similar Part No. - 197-146 |
|
Similar Description - 197-146 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |