Electronic Components Datasheet Search |
|
197-110 Datasheet(PDF) 3 Page - Altech corporation |
|
197-110 Datasheet(HTML) 3 Page - Altech corporation |
3 / 18 page TG Ordering Cat. No. Cat. No. Dimensions mm (in) Std. Information w/ Standard Screws w/ Quick Turn Screws Type Length Width Height Pk. ABS Gray cover 100-403-91 100-403-01 TGABS88-6-o 84 mm (3.31 in.) 82 mm (3.23 in.) 55 mm (2.17 in.) 1 Transparent cover 101-003-91 101-003-01 TGABS88-6-to 84 mm (3.31 in.) 82 mm (3.23 in.) 55 mm (2.17 in.) 1 Polycarbonate Gray cover 200-403-91 200-403-01 TGPC88-6-o 84 mm (3.31 in.) 82 mm (3.23 in.) 55 mm (2.17 in.) 1 Transparent cover 201-003-91 201-003-01 TGPC88-6-to 84 mm (3.31 in.) 82 mm (3.23 in.) 55 mm (2.17 in.) 1 Accessories Ordering Std. Information Cat. No. Type Pk. Mounting Plate (plastic) 186-003 TGMPI-88 1 Mounting Plate (steel) 187-003 TGMPS-88 1 DIN Rail – TS35-68 198-068 NS35-68 1 DIN Rail - TS15-68 197-069 TS15-68 1 Mounting Tab Kit 182-002 TGABL 1 Please refer to pages 136-140 additional accessories and detailed information Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com 44 TG88-6 – ABS and Polycarbonate – 84 x 82 x 55 mm (3.31 x 3.23 x 2.17 in.) Standard Features • Protection Level: IP67 (NEMA 4X) • Technical: Smooth Sidewalls Gray or Tinted Transparent Cover Standard or Quick Turn Screws 60 x 58 x 0.4 mm Recess in Cover Integrated Cover Retainer • UL Recognized Enclosure Materials: ABS or Polycarbonate • Transparent Cover Material: Polycarbonate • Gasket Material: Polyurethane • Color: Light Gray • Material Temperature Range: ABS -40˚C to 80˚C (-40˚F to 176˚F) Polycarbonate -40˚C to 120˚C (-40˚F to 248˚F) • Accessories: See section below E208470 Polycarbonate with standard screws Only |
Similar Part No. - 197-110 |
|
Similar Description - 197-110 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |