Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R20UT0616EJ0902 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R20UT0616EJ0902
Description  E1 Emulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R20UT0616EJ0902 Datasheet(HTML) 5 Page - Renesas Technology Corp

  R20UT0616EJ0902 Datasheet HTML 1Page - Renesas Technology Corp R20UT0616EJ0902 Datasheet HTML 2Page - Renesas Technology Corp R20UT0616EJ0902 Datasheet HTML 3Page - Renesas Technology Corp R20UT0616EJ0902 Datasheet HTML 4Page - Renesas Technology Corp R20UT0616EJ0902 Datasheet HTML 5Page - Renesas Technology Corp R20UT0616EJ0902 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
On-chip Debuggers Performance Property
E10A-USB Emulator
◆As for debugging function information of other emulators, visit each product's page from the following URL.
http://www.renesas.com/emulator_lineups
■E10A-USB(HS0005KCU01H/HS0005KCU02H) Debugging Function - Continued-
Family
Series/ Core
Group
Hardware Break
Software
Break
Internal Trace
AUD Trace
H8S/2168
H8S/2153
H8S/2164
H8S/2117
H8S/2117R
H8S/2125
H8S/2116
H8S/2113
H8S/2112
H8S/2112R
Address break : 6 points
Address/Data condition break : 2 points
4 branch sources
H8S/2189R
H8S/2114R
Address break : 6 points
Address/Data condition break : 2 points
4 branch sources
or
Bus trace : 512 cycles
■E10A-USB(HS0005KCU01H/HS0005KCU02H + Debug MCU Board) Debugging Function
Family
Series/ Core
Group
Hardware Break
Software
Break
Internal Trace
AUD Trace
SH-4A
SH7456
SH7455
SH7451
SH7450
Address/Data/R/W/Execution-count
condition break : 2 points
Address/R/W condition break : 4 points
Data/R/W condition break : 2 points
System bus condition break : 2 points
* Sequential breaks are specifiable.
Supported
No Mode
8 branches ◎
Up to 64K events *1
(Up to 32K of branch
information
can be acquired when
branch trace is the only target)
SH-2
SH7125
SH7124
Address break : 8 points
Address/Data/R/W/Execution-count
condition break : 1 point
Address/Data/R/W condition break : 1 point
* Available to specify the sequential break
Supported
No Mode
1000 cycles
Select the target one from
Address/Data/Status/
Time stamp bus.
Up to 64K events *1
(Up to 32K of branch
information
can be acquired when
branch trace is the only target.)
H8S
H8S/2400
H8S/2456R
H8S/2456
H8S/2454
H8S/2426R
H8S/2426
H8S/2424
Address break : 6 points
Address/Data condition break : 2 points
Not supported
Supported
4 branch sources
or
Bus trace : 1024 cycles
Not supported
■E10A-USB(HS0005KCU14H) Debugging Function
Family
Series/ Core
Group
Hardware Break
Software
Break
Internal Trace
AUD Trace
SH-4A
(Multi-core MCU)
SH7786
60 sets of branch sources
and destinations
SH-2A
(Multi-core MCU)
SH7205
SH7265
1024 cycles
(When acquiring trace info
by core in MCU,
512 cycles respectively.)
Note:
*1. Not usable with HS0005KCU01H.
◎ Acquirable trace information: Branch, Memory access within the specified range, and Software trace (Trace(x): variable x).
◎ Acquirable trace acquisition information: Branch, Memory access, and General register. (Conditions are settable by each CPU.)
SuperH
10 points
(Using UBC module)
Supported
Break Function
Performance
Measurement
Function
Target MCU
255 points
(for each core
in MCU)
Performance
Measurement
Function
Trace Function
Target MCU
Break Function
SuperH
255 points
Trace Function
255 points
Target MCU
Break Function
Performance
Measurement
Function
Invalid External extension Mode
of Embedded ROM
H8S/2100
No Mode
Notes:
*1. Not usable with HS0005KCU01H.
*2. Not usable with HS0005KCU01H. While using RAM monitor function with HS0005KCU02H, no trace information can be acquired.
*3. Supported only by H8SX/1651.
*4. Only H8S/2319EF is supported.
*5. Only H8S/2339EF is supported.
*6. Only H8S/2329EF is supported.
*7. Only H8S/2215R and H8S/2215T are supported.
* The information provided only applies to MCUs where we have been able to confirm the specifications of the
emulator. This includes MCUs and emulator software that are under development. For more information on
support for these items as it becomes available, check our website at:
http://www.renesas.com/e10a_usb/devices
H8S
Not supported
No Mode
Invalid External extension Mode
of Embedded ROM
Invalid External extension Mode
of Embedded ROM
Not supported
Trace Function
Up to 128K events
(Up to 64K of branch
information
can be acquired when
branch trace is the only target)
On-chip Debuggers Performance Property - page 5
★ New product ★★ Under development ☆ In planning
Renesas general tools catalog (Sep 2013)


Similar Part No. - R20UT0616EJ0902

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R20UT0676EJ1200 RENESAS-R20UT0676EJ1200 Datasheet
131Kb / 11P
   MINICUBE2 Firmware
More results

Similar Description - R20UT0616EJ0902

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R20UT2452EJ0110 RENESAS-R20UT2452EJ0110 Datasheet
774Kb / 21P
   E1/E20 Emulator
E1 RENESAS-E1 Datasheet
757Kb / 500P
   E1/E20 Emulator
R0E000010CKZ11 RENESAS-R0E000010CKZ11 Datasheet
185Kb / 4P
   Small Connector Conversion Adapter for the E1 Emulator
RH850F1L RENESAS-RH850F1L Datasheet
360Kb / 16P
   Emulator
logo
Zilog, Inc.
Z8ICE001ZEM ZILOG-Z8ICE001ZEM Datasheet
126Kb / 7P
   Z8PLUS EMULATOR
logo
Keysight Technologies
E6965A KEYSIGHT-E6965A Datasheet
1Mb / 8P
   Location Server Emulator
logo
STMicroelectronics
ST6-EMU2 STMICROELECTRONICS-ST6-EMU2 Datasheet
48Kb / 4P
   ST6-EMU2 emulator
logo
Renesas Technology Corp
E702289_SH7290 RENESAS-E702289_SH7290 Datasheet
1Mb / 252P
   SH7290 E10A Emulator
QB-RL78L1C RENESAS-QB-RL78L1C Datasheet
1,014Kb / 42P
   In-Circuit Emulator
logo
List of Unclassifed Man...
D9091SW013 ETC2-D9091SW013 Datasheet
46Kb / 1P
   SYSCON Terminal Emulator Software
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com