Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIUSB-6212 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # NIUSB-6212
Description  Bus-Powered M Series Multifunction DAQ for USB - 16-Bit, up to 400 kS/s
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIUSB-6212 Datasheet(HTML) 4 Page - National Instruments Corporation

  NIUSB-6212 Datasheet HTML 1Page - National Instruments Corporation NIUSB-6212 Datasheet HTML 2Page - National Instruments Corporation NIUSB-6212 Datasheet HTML 3Page - National Instruments Corporation NIUSB-6212 Datasheet HTML 4Page - National Instruments Corporation NIUSB-6212 Datasheet HTML 5Page - National Instruments Corporation NIUSB-6212 Datasheet HTML 6Page - National Instruments Corporation NIUSB-6212 Datasheet HTML 7Page - National Instruments Corporation NIUSB-6212 Datasheet HTML 8Page - National Instruments Corporation NIUSB-6212 Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4/18
www.ni.com
Back to Top
Training and Certifications
The NI training and certification program delivers the fastest, most certain route to increased proficiency and productivity using NI software and hardware. Training builds the skills
to more efficiently develop robust, maintainable applications, while certification validates your knowledge and ability.
Classroom training in cities worldwide - the most comprehensive hands-on training taught by engineers.
On-site training at your facility - an excellent option to train multiple employees at the same time.
Online instructor-led training - lower-cost, remote training if classroom or on-site courses are not possible.
Course kits - lowest-cost, self-paced training that you can use as reference guides.
Training memberships and training credits - to buy now and schedule training later.
Visit ni.com/training for more information.
Extended Warranty
NI offers options for extending the standard product warranty to meet the life-cycle requirements of your project. In addition, because NI understands that your requirements may
change, the extended warranty is flexible in length and easily renewed. For more information, visit ni.com/warranty.
OEM
NI offers design-in consulting and product integration assistance if you need NI products for OEM applications. For information about special pricing and services for OEM
customers, visit ni.com/oem.
Alliance
Our Professional Services Team is comprised of NI applications engineers, NI Consulting Services, and a worldwide National Instruments Alliance Partner program of more than
700 independent consultants and integrators. Services range from start-up assistance to turnkey system integration. Visit ni.com/alliance.
Detailed Specifications
Specifications listed below are typical at 25 °C unless otherwise noted. Refer to the
for more information about USB-621 devices.
NI USB-621x User Manual
x
Caution The input/output ports of this device are not protected for electromagnetic interference due to functional reasons. As a result, this device may experience
reduced measurement accuracy or other temporary performance degradation when connected cables are routed in an environment with radiated or conducted radio
frequency electromagnetic interference.
To ensure that this device functions within specifications in its operational electromagnetic environment and to limit radiated emissions, care should be taken in the selection,
design, and installation of measurement probes and cables.
Analog Input
Number of channels
USB-6210/6211/6212/6215/6216
8 differential or 16 single ended
USB-6218
16 differential or 32 single ended
ADC resolution
16 bits
DNL
No missing codes guaranteed
INL
Refer to the AI Absolute Accuracy Tables
Sampling rate
Maximum
USB-6210/6211/6215/6218
250 kS/s single channel, 250 kS/s multichannel (aggregate)
USB-6212/6216
400 kS/s single channel, 400 kS/s multichannel (aggregate)
Minimum
0 S/s
Timing accuracy
50 ppm of sample rate
Timing resolution
50 ns
Input coupling
DC
Input range
±10 V, ±5 V, ±1 V, ±0.2 V
Maximum working voltage for analog inputs (signal + common mode)
±10.4 V of AI GND
CMRR (DC to 60 Hz)
100 dB
Input impedance
Device on
AI+ to AI GND
>10 GΩ in parallel with 100 pF
AI- to AI GND
>10 GΩ in parallel with 100 pF


Similar Part No. - NIUSB-6212

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIUSB-6210 NI-NIUSB-6210 Datasheet
539Kb / 18P
   Bus-Powered M Series Multifunction DAQ for USB - 16-Bit, up to 400 kS/s
NIUSB-6211 NI-NIUSB-6211 Datasheet
539Kb / 18P
   Bus-Powered M Series Multifunction DAQ for USB - 16-Bit, up to 400 kS/s
NIUSB-6216 NI-NIUSB-6216 Datasheet
539Kb / 18P
   Bus-Powered M Series Multifunction DAQ for USB - 16-Bit
More results

Similar Description - NIUSB-6212

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIUSB-6211 NI-NIUSB-6211 Datasheet
539Kb / 18P
   Bus-Powered M Series Multifunction DAQ for USB - 16-Bit, up to 400 kS/s
NIUSB-6210 NI-NIUSB-6210 Datasheet
539Kb / 18P
   Bus-Powered M Series Multifunction DAQ for USB - 16-Bit, up to 400 kS/s
NIUSB-6216 NI-NIUSB-6216 Datasheet
539Kb / 18P
   Bus-Powered M Series Multifunction DAQ for USB - 16-Bit
logo
Advantech Co., Ltd.
USB-4716 ADVANTECH-USB-4716 Datasheet
296Kb / 1P
   200 kS/s, 16-Bit, 16-Ch Multifunction DAQ USB Module
16-Dec-2021
USB-4716-AE ADVANTECH-USB-4716-AE Datasheet
161Kb / 1P
   200 kS/s, 16-bit, 16-ch Multifunction DAQ USB Module
USB-4711A ADVANTECH-USB-4711A_15 Datasheet
159Kb / 1P
   150 kS/s, 12-bit, 16-ch Multifunction DAQ USB Module
PCI-1716 ADVANTECH-PCI-1716_15 Datasheet
223Kb / 1P
   250 kS/s, 16-bit, 16-ch PCI Multifunction DAQ Card
USB-4702-AE ADVANTECH-USB-4702-AE Datasheet
196Kb / 1P
   10 kS/s, 12-bit, 8-ch Multifunction DAQ USB Module
logo
National Instruments Co...
778913-01 NI-778913-01 Datasheet
556Kb / 7P
   S Series Multifunction DAQ 16-Bit, 250 kS/s/Channel, 8 Analog Inputs
logo
Advantech Co., Ltd.
PCIE-1816 ADVANTECH-PCIE-1816_V01 Datasheet
409Kb / 1P
   500 KS/s, 16-Bit, 16-Ch PCI Express Multifunction DAQ Card
27-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com