Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPXIE-4353 Datasheet(PDF) 5 Page - National Instruments Corporation

Part # NIPXIE-4353
Description  Data Acquisition with Integrated Signal Conditioning for Thermocouple Measurements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXIE-4353 Datasheet(HTML) 5 Page - National Instruments Corporation

  NIPXIE-4353 Datasheet HTML 1Page - National Instruments Corporation NIPXIE-4353 Datasheet HTML 2Page - National Instruments Corporation NIPXIE-4353 Datasheet HTML 3Page - National Instruments Corporation NIPXIE-4353 Datasheet HTML 4Page - National Instruments Corporation NIPXIE-4353 Datasheet HTML 5Page - National Instruments Corporation NIPXIE-4353 Datasheet HTML 6Page - National Instruments Corporation NIPXIE-4353 Datasheet HTML 7Page - National Instruments Corporation NIPXIE-4353 Datasheet HTML 8Page - National Instruments Corporation NIPXIE-4353 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
www.ni.com
ADC Timing Modes 2
Input Noise 4
3
280 nV
rms
1.84 V
μ
pk-pk
4
370 nV
rms
2.6 V
μ
pk-pk
5
750 nV
rms
6.3 V
μ
pk-pk
6
1.05 V
μ
rms
8.3 V
μ
pk-pk
7 (High Speed)
2.0 V
μ
rms
24 V
μ
pk-pk
Measurement Sensitivity 5
ADC Timing Modes 2 Type J, K, T, E
Type N
Type B
Type R, S
1 (High Res.)
≤ 0.01 °C
< 0.02 °C < 0.10 °C
< 0.08 °C
2
≤ 0.01 °C
< 0.02 °C < 0.10 °C
< 0.08 °C
3
< 0.02 °C
< 0.02 °C ≤ 0.13 °C ≤ 0.11 °C
4
< 0.02 °C
< 0.03 °C < 0.18 °C
≤ 0.14 °C
5
< 0.04 °C
< 0.06 °C < 0.35 °C
< 0.29 °C
6
< 0.06 °C
< 0.08 °C < 0.49 °C
< 0.40 °C
7 (High Speed)
< 0.11 °C
< 0.14 °C < 0.93 °C
< 0.77 °C
Input Stability
Typical
Max
Offset stability with autozero enabled
10 nV/°C
50 nV/°C
Offset stability with autozero disabled 0.3
°
μ V/ C 0.9
°
μ V/ C
Gain stability
4 ppm/°C
15 ppm/°C
Cold-Junction Compensation Accuracy
Typical
Max
23 °C ±5 °C 0 to 55 °C 23 °C ±5 °C 0 to 55 °C
PXIe-4353 CJC channel accuracy
0.02 °C
0.03 °C
0.03 °C
0.05 °C
Total CJC accuracy using TB-4353 6 0.22 °C
0.38 °C
0.33 °C
0.50 °C
Temperature Measurement Accuracy
The following thermocouple measurement tables show the accuracy for each thermocouple type under the following conditions:
The module is connected to a TB-4353.
Autozero is enabled.
Open thermocouple detection is disabled. 7
0 V common mode voltage.
The tables include all measurement errors of the module and the terminal block. The tables do not include the accuracy of the thermocouple itself.
Thermocouple Type J/N Measurement Accuracy (°C)
–100 °C 0 °C 100 °C 300 °C 500 °C 700 °C 900 °C 1100 °C 1400 °C
High Resolution Typical 23 °C ±5 °C 0.44
0.33 0.29
0.32
0.36
0.40
0.45
0.54
Max 23 °C ±5 °C
0.78
0.59 0.52
0.51
0.57
0.63
0.70
0.81
Max 0–55 °C
1.25
0.94 0.78
0.84
0.99
1.09
1.27
1.51
High Speed
Typical 23 °C ±5 °C 0.77
0.59 0.51
0.51
0.55
0.62
0.70
0.80
Max 23 °C ±5 °C
1.18
0.91 0.79
0.76
0.80
0.89
0.99
1.12
Max 0–55 °C
1.66
1.26 1.06
1.07
1.18
1.35
1.55
1.80
Thermocouple Type K Measurement Accuracy (°C)
–100 °C 0 °C 100 °C 300 °C 500 °C 700 °C 900 °C 1100 °C 1400 °C
High Resolution Typical 23 °C ±5 °C 0.42
0.29 0.26
0.36
0.35
0.45
0.56
0.64
0.86
Max 23 °C ±5 °C
0.70
0.49 0.46
0.58
0.59
0.70
0.85
0.97
1.26
Max 0–55 °C
1.14
0.79 0.71
0.92
1.02
1.24
1.50
1.76
2.29
High Speed
Typical 23 °C ±5 °C 0.65
0.46 0.43
0.55
0.56
0.67
0.82
0.93
1.22


Similar Part No. - NIPXIE-4353

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIE-4300 NI-NIPXIE-4300 Datasheet
765Kb / 9P
   Data Acquisition with Integrated Signal Conditioning for High-Voltage Measurements
NIPXIE-4330 NI-NIPXIE-4330 Datasheet
226Kb / 9P
   Data Acquisition with Integrated Signal Conditioning for Bridge-Based Measurements
More results

Similar Description - NIPXIE-4353

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIE-4300 NI-NIPXIE-4300 Datasheet
765Kb / 9P
   Data Acquisition with Integrated Signal Conditioning for High-Voltage Measurements
NIPXIE-4330 NI-NIPXIE-4330 Datasheet
226Kb / 9P
   Data Acquisition with Integrated Signal Conditioning for Bridge-Based Measurements
NI-DAQMX NI-NI-DAQMX Datasheet
278Kb / 3P
   Data Acquisition and Signal Conditioning Driver Software Options
PXI-1050 NI-PXI-1050 Datasheet
334Kb / 5P
   PXI Chassis with Integrated Signal Conditioning
logo
Texas Instruments
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
logo
Analog Devices
ADXL50 AD-ADXL50 Datasheet
286Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
logo
Wolfson Microelectronic...
WM8144-12 WOLFSON-WM8144-12 Datasheet
351Kb / 27P
   Integrated 12-bit Data Acquisition System for Imaging Applications
WM8144-10 WOLFSON-WM8144-10 Datasheet
395Kb / 27P
   Integrated 10-bit Data Acquisition system for Imaging Applications
logo
STMicroelectronics
AN4348 STMICROELECTRONICS-AN4348 Datasheet
861Kb / 25P
   Signal conditioning for electrochemical sensors
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com