Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5819M Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 1N5819M
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N5819M Datasheet(HTML) 1 Page - Diodes Incorporated

  1N5819M Datasheet HTML 1Page - Diodes Incorporated 1N5819M Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS13001 Rev. 5 - 4
1 of 2
1N5817M/1N5818M/1N5819M
www.diodes.com
ã Diodes Incorporated
·
High Current Capability
·
Low Forward Voltage Drop
·
Guard Ring for Transient Protection
·
Glass Package for High Reliability
·
Packaged for Surface Mount Applications
Mechanical Data
·
Case: MELF, Glass
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode band
·
Approx Weight: 0.25 gram
·
Mounting Position: Any
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
1N5817M / 1N5818M / 1N5819M
1.0A SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIER
Notes:
1. Valid provided that terminals are kept at ambient temperature.
2. Measured at VR = 4.0V, f = 1.0MHz.
Characteristic
Symbol
1N5817M
1N5818M
1N5819M
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
V
RMS Reverse Voltage
VR(RMS)
14
21
28
V
Maximum Average Forward Rectified Current
@TT = 90°C (Note 1)
IO
1.0
A
Maximum Forward Surge Current. Half Cycle @60Hz
Superimposed on rated load, JEDEC Method
IFSM
25
A
Maximum Forward Voltage Drop
@ IF = 1.0A
@ IF = 3.0A
VF
0.450
0.750
0.550
0.875
0.600
0.900
V
Maximum Reverse Leakage Current @ VRRM
@ TA = 25°C
@ TA = 100°C
IR
1.0
10
mA
Typical Thermal Resistance, Junction to Ambient (Note 1)
RqJA
130
°C/W
Typical Total Capacitance (Note 2)
CT
110
pF
Storage and Operating Temperature Range
Tj,TSTG
-60 to +125
°C
MELF
Dim
Min
Max
A
4.80
5.20
B
2.40
2.60
C
0.55 Nominal
All Dimensions in mm
C
A
B
Features
DISCONTINUED
Use B1x0 Series OR DFLS1x0 Series


Similar Part No. - 1N5819M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5819M DIODES-1N5819M Datasheet
59Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13001 Rev. D-2
More results

Similar Description - 1N5819M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B120B DIODES-B120B_10 Datasheet
113Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 16 - 2
DFLS130 DIODES-DFLS130 Datasheet
94Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30445 Rev. 1 - 2
1N5819HW DIODES-1N5819HW_10 Datasheet
103Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 15 - 2 February 2010
DFLS160 DIODES-DFLS160_08 Datasheet
109Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S160 DIODES-PD3S160_08 Datasheet
138Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B120B DIODES-B120B_15 Datasheet
133Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DFLS120LQ DIODES-DFLS120LQ_15 Datasheet
202Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com