Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R0E5563NEDMB01 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R0E5563NEDMB01
Description  100-pin 0.5mm-pitch LQFP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R0E5563NEDMB01 Datasheet(HTML) 5 Page - Renesas Technology Corp

  R0E5563NEDMB01 Datasheet HTML 1Page - Renesas Technology Corp R0E5563NEDMB01 Datasheet HTML 2Page - Renesas Technology Corp R0E5563NEDMB01 Datasheet HTML 3Page - Renesas Technology Corp R0E5563NEDMB01 Datasheet HTML 4Page - Renesas Technology Corp R0E5563NEDMB01 Datasheet HTML 5Page - Renesas Technology Corp R0E5563NEDMB01 Datasheet HTML 6Page - Renesas Technology Corp R0E5563NEDMB01 Datasheet HTML 7Page - Renesas Technology Corp R0E5563NEDMB01 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
R0E5563NEDMB01
User's Manual
R20UT2221EJ0200 Rev.2.00
Page 5 of 8
Mar 05, 2014
6. Dimensions of This Product
Figures 4 shows the dimensions and reference foot pattern of this product (R0E5563NEDMB01).
Unit[mm]
13.00
17.00
0.50
0.25
0.50x24=12.00
13.00
13.00
25.00
1
44
133
45
88
89
132
TP6
50.00
X1
POWER
TP7
GND
TP5
TP4
TP3
TP2
TP1
VCC
VBATT
AVCC0
VREFH
VREFH0
VCC_USB
IC1
176
Figure 4
Reference Foot Pattern and Dimensions of This Product (R0E5563NEDMB01)


Similar Part No. - R0E5563NEDMB01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R0E5563NEDMB00 RENESAS-R0E5563NEDMB00 Datasheet
325Kb / 8P
   144-pin 0.5mm-pitch LQFP
More results

Similar Description - R0E5563NEDMB01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R0E55630EDMB01 RENESAS-R0E55630EDMB01 Datasheet
309Kb / 8P
   100-pin 0.5mm-pitch LQFP
R0E55630EDMB00 RENESAS-R0E55630EDMB00 Datasheet
344Kb / 8P
   144-pin 0.5mm-pitch LQFP
R0E5563NEDMB00 RENESAS-R0E5563NEDMB00 Datasheet
325Kb / 8P
   144-pin 0.5mm-pitch LQFP
M3T-100LCC-QSD RENESAS-M3T-100LCC-QSD Datasheet
146Kb / 1P
   Converter for Connecting 100-pin 0.65mm-pitch LCC to 100-pin 0.5mm-pitch LQFP
logo
Holtek Semiconductor In...
HT46RU67 HOLTEK-HT46RU67_14 Datasheet
2Mb / 68P
   100-pin LQFP
logo
Renesas Technology Corp
M3T-FLX-100NSD RENESAS-M3T-FLX-100NSD Datasheet
361Kb / 1P
   Converter for Connecting 100-core Flexible Board FLX100 to 100-pin 0.5mm-pitch LQFP
logo
Holtek Semiconductor In...
HT46R64 HOLTEK-HT46R64_14 Datasheet
1Mb / 51P
   52/100-pin LQFP
logo
Renesas Technology Corp
M3T-F160-100NSD RENESAS-M3T-F160-100NSD Datasheet
150Kb / 1P
   Converter for Connecting 160-core Flexible Board FLX160 to 100-pin 0.5mm-pitch LQFP
M3T-64LCC-QSD RENESAS-M3T-64LCC-QSD Datasheet
119Kb / 1P
   Converter for Connecting 64-pin 0.8mm-pitch LCC to 64-pin 0.5mm-pitch LQFP
M3T-FLX-80NSD RENESAS-M3T-FLX-80NSD Datasheet
121Kb / 1P
   Converter for Connecting 100-core Flexible Board FLX100 to 80-pin 0.5mm-pitch LQFP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com