Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTLD-4204S Datasheet(PDF) 2 Page - Sanken electric

Part # CTLD-4204S
Description  Fast Recovery and High Power Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

CTLD-4204S Datasheet(HTML) 2 Page - Sanken electric

  CTLD-4204S Datasheet HTML 1Page - Sanken electric CTLD-4204S Datasheet HTML 2Page - Sanken electric CTLD-4204S Datasheet HTML 3Page - Sanken electric CTLD-4204S Datasheet HTML 4Page - Sanken electric CTLD-4204S Datasheet HTML 5Page - Sanken electric CTLD-4204S Datasheet HTML 6Page - Sanken electric CTLD-4204S Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CTLD-4204S
CTLD-4204S-DS Rev.1.1
SANKEN ELECTRIC CO.,LTD.
2
Mar. 11, 2014
Performance Curves
0.001
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
VF (V)
VF-IF(typ.) CTLD-4204S
150℃
100℃
60℃
25℃
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
0
100
200
300
400
VR (V)
VR-IR(typ.) CTLD-4204S
150℃
100℃
60℃
25℃


Similar Part No. - CTLD-4204S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTLD-6206S SANKEN-CTLD-6206S Datasheet
439Kb / 7P
   Fast Recovery and High Power Diode
More results

Similar Description - CTLD-4204S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTNS-6306S SANKEN-CTNS-6306S Datasheet
440Kb / 7P
   Fast Recovery and High Power Diode
CTLD-6206S SANKEN-CTLD-6206S Datasheet
439Kb / 7P
   Fast Recovery and High Power Diode
CTXS-4202S SANKEN-CTXS-4202S Datasheet
491Kb / 7P
   Fast Recovery and High Power Diode
CTXS-4603S SANKEN-CTXS-4603S Datasheet
503Kb / 7P
   Fast Recovery and High Power Diode
CTNS-6603S SANKEN-CTNS-6603S Datasheet
529Kb / 7P
   Fast Recovery and High Power Diode
CTNS-4606S SANKEN-CTNS-4606S Datasheet
438Kb / 7P
   Fast Recovery and High Power Diode
CTXS-4452S SANKEN-CTXS-4452S Datasheet
257Kb / 7P
   Fast Recovery and High Power Diode
CTXS-6603S SANKEN-CTXS-6603S Datasheet
529Kb / 7P
   Fast Recovery and High Power Diode
CTXS-6606S SANKEN-CTXS-6606S Datasheet
437Kb / 7P
   Fast Recovery and High Power Diode
CTXA-4202S SANKEN-CTXA-4202S Datasheet
250Kb / 7P
   Fast Recovery and High Power Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com