Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEN06464H2CH1MT-25R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SEN06464H2CH1MT-25R
Description  512MB DDR2 ??SDRAM SO-DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SEN06464H2CH1MT-25R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SEN06464H2CH1MT-25R Datasheet HTML 2Page - List of Unclassifed Manufacturers SEN06464H2CH1MT-25R Datasheet HTML 3Page - List of Unclassifed Manufacturers SEN06464H2CH1MT-25R Datasheet HTML 4Page - List of Unclassifed Manufacturers SEN06464H2CH1MT-25R Datasheet HTML 5Page - List of Unclassifed Manufacturers SEN06464H2CH1MT-25R Datasheet HTML 6Page - List of Unclassifed Manufacturers SEN06464H2CH1MT-25R Datasheet HTML 7Page - List of Unclassifed Manufacturers SEN06464H2CH1MT-25R Datasheet HTML 8Page - List of Unclassifed Manufacturers SEN06464H2CH1MT-25R Datasheet HTML 9Page - List of Unclassifed Manufacturers SEN06464H2CH1MT-25R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet
Rev.1.2
03.11.2010
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 6
CH-9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 14
MAXIMUM ELECTRICAL DC CHARACTERISTICS
PARAMETER/ CONDITION
SYMBOL
MIN
MAX
UNITS
Supply Voltage
VDD
-1.0
2.3
V
I/O Supply Voltage
VDDQ
-0.5
2.3
V
VDDL Supply Voltage
VDDL
-0.5
2.3
V
Voltage on any pin relative to VSS
Vin, Vout
-0.5
2.3
V
INPUT LEAKAGE CURRENT
Any input 0V
≤ VIN ≤ VDD, VREF pin 0V ≤ VIN ≤ 0.95V
(All other pins not under test = 0V)
II
µA
Command/Address
RAS#, CAS#, WE#, S#, CKE
-40
40
CK, CK#
-20
20
DM
-5
5
OUTPUT LEAKAGE CURRENT
(DQ’s and ODT are disabled; 0V ≤ VOUT ≤ VDDQ)
IOZ
-5
5
µA
DQ, DQS, DQS#
VREF LEAKAGE CURRENT ; VREF is on a valid level
IVREF
-16
16
µA
DC OPERATING CONDITIONS
PARAMETER/ CONDITION
SYMBOL
MIN
NOM
MAX
UNITS
Supply Voltage
VDD
1.7
1.8
1.9
V
I/O Supply Voltage
VDDQ
1.7
1.8
1.9
V
VDDL Supply Voltage
VDDL
1.7
1.8
1.9
V
I/O Reference Voltage
VREF
0.49 x VDDQ
0.50 x VDDQ
0.51x VDDQ
V
I/O Termination Voltage (system)
VTT
VREF – 0.04
VREF
VREF + 0.04
V
Input High (Logic 1) Voltage
VIH (DC)
VREF + 0.125
VDDQ + 0.3
V
Input Low (Logic 0) Voltage
VIL (DC)
-0.3
VREF – 0.125
V
AC INPUT OPERATING CONDITIONS
PARAMETER/ CONDITION
SYMBOL
MIN
MAX
UNITS
Input High (Logic 1) Voltage
VIH (AC)
VREF + 0.25
-
V
Input Low (Logic 0) Voltage
VIL (AC)
-
VREF - 0.25
V
CAPACITANCE
At DDR2 data rates, it is recommended to simulate the performance of the module to achieve optimum values.
When inductance and delay parameters associated with trace lengths are used in simulations, they are
significantly more accurate and realistic than a gross estimation of module capacitance. Simulations can then
render a considerably more accurate result. JEDEC modules are now designed by using simulations to close
timing budgets.


Similar Part No. - SEN06464H2CH1MT-25R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SEN06464H2CF1SA-25[EIW]R ETC2-SEN06464H2CF1SA-25[EIW]R Datasheet
420Kb / 14P
   512MB DDR2 ??SDRAM SO-DIMM
SEN06464H2CF1SA-30[EIW]R ETC2-SEN06464H2CF1SA-30[EIW]R Datasheet
420Kb / 14P
   512MB DDR2 ??SDRAM SO-DIMM
SEN06464H2CG1SA-25[E/W]R ETC2-SEN06464H2CG1SA-25[E/W]R Datasheet
558Kb / 16P
   512MB DDR2 . SDRAM SO-DIMM
SEN06464H2CG1SA-30[EW]R ETC2-SEN06464H2CG1SA-30[EW]R Datasheet
558Kb / 16P
   512MB DDR2 . SDRAM SO-DIMM
More results

Similar Description - SEN06464H2CH1MT-25R

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE52UD6AJUA ELPIDA-EBE52UD6AJUA Datasheet
301Kb / 28P
   512MB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN06464H2CF1SA-30[EIW]R ETC2-SEN06464H2CF1SA-30[EIW]R Datasheet
420Kb / 14P
   512MB DDR2 ??SDRAM SO-DIMM
SEN06464H2CG1SA-30[EW]R ETC2-SEN06464H2CG1SA-30[EW]R Datasheet
558Kb / 16P
   512MB DDR2 . SDRAM SO-DIMM
logo
White Electronic Design...
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
logo
List of Unclassifed Man...
SEU06464H1CH1MT-25[W]R ETC2-SEU06464H1CH1MT-25[W]R Datasheet
582Kb / 14P
   512MB DDR2 ??SDRAM DIMM
SEU06464H1CF1SA-30R ETC2-SEU06464H1CF1SA-30R Datasheet
616Kb / 14P
   512MB DDR2 ??SDRAM DIMM
logo
White Electronic Design...
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
logo
Elpida Memory
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
logo
Hynix Semiconductor
HYMP112S64MP8 HYNIX-HYMP112S64MP8 Datasheet
405Kb / 17P
   DDR2 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com