Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDU12864H1B62MT-50R Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SDU12864H1B62MT-50R
Description  1024MB DDR . SDRAM DIMM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDU12864H1B62MT-50R Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SDU12864H1B62MT-50R Datasheet HTML 3Page - List of Unclassifed Manufacturers SDU12864H1B62MT-50R Datasheet HTML 4Page - List of Unclassifed Manufacturers SDU12864H1B62MT-50R Datasheet HTML 5Page - List of Unclassifed Manufacturers SDU12864H1B62MT-50R Datasheet HTML 6Page - List of Unclassifed Manufacturers SDU12864H1B62MT-50R Datasheet HTML 7Page - List of Unclassifed Manufacturers SDU12864H1B62MT-50R Datasheet HTML 8Page - List of Unclassifed Manufacturers SDU12864H1B62MT-50R Datasheet HTML 9Page - List of Unclassifed Manufacturers SDU12864H1B62MT-50R Datasheet HTML 10Page - List of Unclassifed Manufacturers SDU12864H1B62MT-50R Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
Rev.1.1
18.09.2008
Swissbit Germany AG
Wolfener Straße 36
Fon: +49 (0) 30 93 69 54 - 0
www.swissbit-germany.com
Page 7
D-12681 Berlin
Fax: +49 (0) 30 93 69 54 - 55
eMail: firma@swissbit-germany.com
of 12
IDD Specifications AND CONDITIONS
(0°C
≤ TA ≤ + 70°C ; VDDQ = +2.5V ± 0.2V, VDD = +2.5V ± 0.2V) see Note 1 on Page 9
max.
Parameter
& Test Condition
Symb.
3200-3033
2700-2533
2100-2533
Unit
OPERATING CURRENT *) : One device bank; Active-
Precharge;
tRC= tRC (Min); tCK = tCK (Min); DQ, DM and DQS inputs
changing
once per clock cycle; Address and control inputs
changing once every two clock cycles
IDDO
1280
1080
960
mA
OPERATING CURRENT :*)
One device bank; Active-Read-Precharge;
Burst = 2; tRC= tRC (Min);
tCK = tCK (Min);IOUT = 0mA;
Address and control inputs changing once per clock
cycle
IDD1
1520
1320
1200
mA
PRECHARGE POWER-DOWN STANDBY CURRENT:
All device banks idle;
Power-down mode;
tCK = tCK (Min); CKE = (LOW)
IDD2P
80
80
80
mA
IDLE STANDBY CURRENT: CS# = HIGH; All device
banks idle;
tCK = tCK (Min); CKE= HIGH; Address and other control
inputs changing once per clock cycle.
VIN = VREF for DQ, DQS, and DM
IDD2F
880
720
640
mA
ACTIVE POWER-DOWN STANDBY CURRENT: One
device bank active; Power-down mode; tCK = tCK
(Min);CKE = LOW
IDD3P
720
560
480
mA
ACTIVE STANDBY CURRENT: CS# = HIGH; CKE =
HIGH; One device bank; Active-Precharge; tRC= tRAS
(Max); tCK = tCK (Min); DQ, DM and DQS inputs
changing twice per clock cycle; Address and other
control inputs changing once per clock cycle
IDD3N
960
800
720
mA
OPERATING CURRENT:
Burst = 2; Reads; Continous burst; One bank active;
Address and control inputs changing once per clock
cycle; tCK = tCK (Min);
IOUT = 0mA
IDD4R
3040
2640
2320
mA
OPERATING CURRENT: Burst = 2; Writes; Continuous
burst; One device bank active; Address and control
inputs changing once per clock cycle; tCK = tCK (Min);
DQ, DM, and DQS inputs changing twice per clock
cycle
IDD4W
3120
2800
2160
mA
tRC = tRC (Min)
IDD5
5520
4640
4480
mA
AUTO
REFRESH
CURRENT
tRC = 7.8125µs
IDD6
176
160
160
mA
SELF REFRESH CURRENT: CKE ≤ 0.2V
IDD7
80
80
80
mA
OPERATING CURRENT*): Four device bank interleaving
READs (BL =4) with auto precharge, tRC = tRC (Min);
tCK = tCK (Min); Address and control inputs change only during
Active READ, or WRITE commands
IDD8
3640
3280
2840
mA
*) Value calculated as one module rank in this operating condition, and all other module ranks in IDD2P (CKE LOW)
mode.


Similar Part No. - SDU12864H1B62MT-50R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDU10-24 ETC-SDU10-24 Datasheet
208Kb / 2P
   SDU Series, Direct Current Uninterruptible Power Supply (DC UPS) System
SDU10-24 ETC-SDU10-24 Datasheet
221Kb / 5P
   SDU Series, Direct Current Uninterruptible Power Supply (DC UPS) System
SDU1024B ETC-SDU1024B Datasheet
208Kb / 2P
   SDU Series, Direct Current Uninterruptible Power Supply (DC UPS) System
logo
XP Power Limited
SDU150PS12B XPPOWER-SDU150PS12B Datasheet
201Kb / 2P
   Medical Approvals
SDU150PS24B XPPOWER-SDU150PS24B Datasheet
201Kb / 2P
   Medical Approvals
More results

Similar Description - SDU12864H1B62MT-50R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDN12864L1B62MT-50 ETC2-SDN12864L1B62MT-50 Datasheet
632Kb / 14P
   1024MB DDR SDRAM SO-DIMM
SDN01G64D1BJ2SA-50 ETC2-SDN01G64D1BJ2SA-50 Datasheet
638Kb / 14P
   1024MB DDR SDRAM SoDIMM
SGN01G64A2BG1MT-BBRT ETC2-SGN01G64A2BG1MT-BBRT Datasheet
557Kb / 15P
   1024MB DDR3 ??SDRAM SO-DIMM
SGN01G64D2BG1MT-BB[EW]RT ETC2-SGN01G64D2BG1MT-BB[EW]RT Datasheet
737Kb / 17P
   1024MB DDR3 . SDRAM SO-DIMM
SLN01G64C1CQ1SA-CC[EW]RT ETC-SLN01G64C1CQ1SA-CC[EW]RT Datasheet
652Kb / 17P
   1024MB DDR3L ??SDRAM SO-DIMM
SGN01G64D2BG1SA-BB[EW]RT ETC2-SGN01G64D2BG1SA-BB[EW]RT Datasheet
744Kb / 17P
   1024MB DDR3 ??SDRAM SO-DIMM
SGN01G64C1CQ1SA-CC[EW]RT ETC2-SGN01G64C1CQ1SA-CC[EW]RT Datasheet
722Kb / 17P
   1024MB DDR3 ??SDRAM SO-DIMM
logo
Micron Technology
MT9VDDT1672A MICRON-MT9VDDT1672A Datasheet
542Kb / 29P
   DDR SDRAM DIMM
logo
Hynix Semiconductor
HYMD212G726ALS4-M HYNIX-HYMD212G726ALS4-M Datasheet
267Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BLF8-J HYNIX-HYMD264G726BLF8-J Datasheet
276Kb / 16P
   Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com