Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25DL161-MHN-T Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AT25DL161-MHN-T
Description  16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DL161-MHN-T Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AT25DL161-MHN-T Datasheet HTML 1Page - List of Unclassifed Manufacturers AT25DL161-MHN-T Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DL161-MHN-T Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DL161-MHN-T Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DL161-MHN-T Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DL161-MHN-T Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DL161-MHN-T Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DL161-MHN-T Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DL161-MHN-T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
4
AT25DL161 [DATASHEET]
8795F–DFLASH–1/2013
HOLD
Hold: The HOLD pin is used to temporarily pause serial communication without
deselecting or resetting the device. While the HOLD pin is asserted, transitions
on the SCK pin and data on the SI pin will be ignored and the SO pin will be in a
high-impedance state.
The CS pin must be asserted and the SCK pin must be in the low state in order
for a Hold condition to start. A Hold condition pauses serial communication only
and does not have an affect on internally self-timed operations, such as a
program or erase cycle. See “Hold” on page 46 for additional details on the Hold
operation.
The HOLD pin is internally pulled-high and may be left floating if the Hold
function will not be used. However, it is recommended that the HOLD pin also
be externally connected to the VCC whenever possible.
Low
Input
VCC
Device Power Supply: The VCC pin is used to supply the source voltage to the
device.
Operations at invalid VCC voltages may produce spurious results and should not
be attempted.
Power
GND
Ground: The ground reference for the power supply. GND should be
connected to the system ground.
Power
Figure 2-1. 8-lead SOIC
Figure 2-2. 8-pad UDFN
Figure 2-3. 8-ball dBGA (WLSCP)
Table 2-1.
Pin Descriptions (Continued)
Symbol
Name and Function
Asserted
State
Type
1
2
3
4
8
7
6
5
CS
SO (SOI)
WP
GND
VCC
HOLD
SCK
SI (SIO)
Top View
CS
SO (SOI)
WP
GND
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI (SIO)
Top View
A
B
C
D
E
F
Top View
through back of Die
1
2
VCC
HOLD
SCK
SI (SIO)
CS
SO (SOI)
WP
GND


Similar Part No. - AT25DL161-MHN-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DL161-MHN-T ETC2-AT25DL161-MHN-T Datasheet
2Mb / 59P
   16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
More results

Similar Description - AT25DL161-MHN-T

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25DL161 DIALOG-AT25DL161 Datasheet
457Kb / 4P
   16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
List of Unclassifed Man...
AT25DL161 ETC2-AT25DL161_14 Datasheet
2Mb / 59P
   16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25XE021A DIALOG-AT25XE021A Datasheet
1Mb / 52P
   2-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25XE041B RENESAS-AT25XE041B Datasheet
3Mb / 52P
   4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
logo
List of Unclassifed Man...
AT25DL081 ETC2-AT25DL081 Datasheet
2Mb / 59P
   8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DF041B ETC-AT25DF041B Datasheet
2Mb / 52P
   4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25DL081 RENESAS-AT25DL081 Datasheet
2Mb / 57P
   8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
logo
List of Unclassifed Man...
AT25DF011 ETC2-AT25DF011 Datasheet
1Mb / 39P
   1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DL081 ETC2-AT25DL081_13 Datasheet
2Mb / 60P
   8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25DL081 DIALOG-AT25DL081 Datasheet
1Mb / 58P
   8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com