Electronic Components Datasheet Search |
|
AT25DL081-SSHN-T Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers |
|
AT25DL081-SSHN-T Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 59 page 4 AT25DL081 [DATASHEET] 8732E–DFLASH–1/2013 HOLD Hold: The HOLD pin is used to temporarily pause serial communication without deselecting or resetting the device. While the HOLD pin is asserted, transitions on the SCK pin and data on the SI pin will be ignored and the SO pin will be in a high-impedance state. The CS pin must be asserted and the SCK pin must be in the low state in order for a Hold condition to start. A Hold condition pauses serial communication only and does not have an affect on internally self-timed operations, such as a program or erase cycle. See “Hold” on page 46 for additional details on the Hold operation. The HOLD pin is internally pulled-high and may be left floating if the Hold function will not be used. However, it is recommended that the HOLD pin also be externally connected to the VCC whenever possible. Low Input VCC Device Power Supply: The VCC pin is used to supply the source voltage to the device. Operations at invalid VCC voltages may produce spurious results and should not be attempted. — Power GND Ground: The ground reference for the power supply. GND should be connected to the system ground. — Power Figure 2-1. 8-lead SOIC (Top View) Figure 2-2. 8-pad UDFN (Top View) Figure 2-3. 8-ball dBGA Table 2-1. Pin Descriptions (Continued) Symbol Name and Function Asserted State Type 1 2 3 4 8 7 6 5 CS SO (SOI) WP GND V CC HOLD SCK SI (SIO) CS SO (SOI) WP GND 1 2 3 4 8 7 6 5 V CC HOLD SCK SI (SIO) A B C D E F Top View through back of Die 1 2 VCC HOLD SCK SI (SIO) CS SO (SOI) WP GND |
Similar Part No. - AT25DL081-SSHN-T |
|
Similar Description - AT25DL081-SSHN-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |