Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFA58S Datasheet(PDF) 10 Page - Sanken electric

Part # TFA58S
Description  Reverse Blocking Triode Thyristor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TFA58S Datasheet(HTML) 10 Page - Sanken electric

Back Button TFA58S Datasheet HTML 4Page - Sanken electric TFA58S Datasheet HTML 5Page - Sanken electric TFA58S Datasheet HTML 6Page - Sanken electric TFA58S Datasheet HTML 7Page - Sanken electric TFA58S Datasheet HTML 8Page - Sanken electric TFA58S Datasheet HTML 9Page - Sanken electric TFA58S Datasheet HTML 10Page - Sanken electric TFA58S Datasheet HTML 11Page - Sanken electric TFA58S Datasheet HTML 12Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Reverse Blocking Triode Thyristor
TFA5x
Series
10
WARNING — These devices are designed to be operated at lethal voltages and energy levels. Circuit designs
that embody these components must conform with applicable safety requirements. Precautions must be
taken to prevent accidental contact with power-line potentials. Do not connect grounded test equipment.
The use of an isolation transformer is recommended during circuit development and breadboarding.
Because reliability can be affected adversely by improper storage
environments and handling methods, please observe the following
cautions.
Cautions for Storage
Ensure that storage conditions comply with the standard
temperature (5°C to 35°C) and the standard relative humidity
(around 40 to 75%); avoid storage locations that experience
extreme changes in temperature or humidity.
Avoid locations where dust or harmful gases are present and
avoid direct sunlight.
Reinspect for rust on leads and solderability of products that have
been stored for a long time.
Cautions for Testing and Handling
When tests are carried out during inspection testing and other
standard test periods, protect the products from power surges
from the testing device, shorts between adjacent products, and
shorts to the heatsink.
Remarks About Using Silicone Grease with a Heatsink
When silicone grease is used in mounting this product on a
heatsink, it shall be applied evenly and thinly. If more silicone
grease than required is applied, it may produce stress.
Coat the back surface of the product and both surfaces of the
insulating plate to improve heat transfer between the product and
the heatsink.
Volatile-type silicone greases may permeate the product and
produce cracks after long periods of time, resulting in reduced
heat radiation effect, and possibly shortening the lifetime of the
product.
Our recommended silicone greases for heat radiation purposes,
which will not cause any adverse effect on the product life, are
indicated below:
Type
Suppliers
G746
Shin-Etsu Chemical Co., Ltd.
YG6260
Momentive Performance Materials
SC102
Dow Corning Toray Silicone Co., Ltd.
Heatsink Mounting Method
Torque When Tightening Mounting Screws. Thermal resistance
increases when tightening torque is low, and radiation effects are
decreased. When the torque is too high, the screw can strip, the
heatsink can be deformed, and distortion can arise in the product frame.
To avoid these problems, observe the recommended tightening torques
for this product package type 0.490 to 0.686 N•m (5 to 7 kgf•cm).
For effective heat transfer, the contact area between the product and
the heatsink should be free from burrs and metal fragments, and the
heatsink should be flat and large enough to contact over the entire side
of the product, including mounting flange and exposed thermal pad.
The mounting hole in customer-supplied heatsink must be less than
Ø4 mm; this includes the diameter of any dimple around punched holes.
This is to prevent possible deflection and cracking of the product case
when fastened to the heatsink.
Soldering
When soldering the products, please be sure to minimize the
working time, within the following limits:
260±5°C 10 s
350±5°C
3 s
Soldering iron should be at a distance of at least 1.5 mm from the
body of the products
Electrostatic Discharge
When handling the products, operator must be grounded.
Grounded wrist straps worn should have at least 1 MΩ of
resistance to ground to prevent shock hazard.
Workbenches where the products are handled should be
grounded and be provided with conductive table and floor mats.
When using measuring equipment such as a curve tracer, the
equipment should be grounded.
When soldering the products, the head of soldering irons or the
solder bath must be grounded in other to prevent leak voltages
generated by them from being applied to the products.
The products should always be stored and transported in our
shipping containers or conductive containers, or be wrapped in
aluminum foil.
M3 Screw
Device
Heatsink
Flat Washer
Split Washer
M3 Nut
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - TFA58S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TFA58S SANKEN-TFA58S Datasheet
287Kb / 12P
   Reverse Blocking Triode Thyristor
TFA58S SANKEN-TFA58S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA58S SANKEN-TFA58S Datasheet
75Kb / 3P
   Thyristors
More results

Similar Description - TFA58S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TFA37S SANKEN-TFA37S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA87S SANKEN-TFA87S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA8X SANKEN-TFA8X Datasheet
287Kb / 12P
   Reverse Blocking Triode Thyristor
TFA88S SANKEN-TFA88S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA57S SANKEN-TFA57S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA3X SANKEN-TFA3X_10 Datasheet
398Kb / 12P
   Reverse Blocking Triode Thyristor
TFA5X SANKEN-TFA5X_10 Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA10X SANKEN-TFA10X Datasheet
282Kb / 12P
   Reverse Blocking Triode Thyristor
TFA38S SANKEN-TFA38S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA107S SANKEN-TFA107S Datasheet
394Kb / 12P
   Reverse Blocking Triode Thyristor
TFA5X SANKEN-TFA5X Datasheet
287Kb / 12P
   Reverse Blocking Triode Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com