Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13005G-D-T60-K Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MJE13005G-D-T60-K
Description  NPN SILICON POWER TRANSISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13005G-D-T60-K Datasheet(HTML) 4 Page - Unisonic Technologies

  MJE13005G-D-T60-K Datasheet HTML 1Page - Unisonic Technologies MJE13005G-D-T60-K Datasheet HTML 2Page - Unisonic Technologies MJE13005G-D-T60-K Datasheet HTML 3Page - Unisonic Technologies MJE13005G-D-T60-K Datasheet HTML 4Page - Unisonic Technologies MJE13005G-D-T60-K Datasheet HTML 5Page - Unisonic Technologies MJE13005G-D-T60-K Datasheet HTML 6Page - Unisonic Technologies MJE13005G-D-T60-K Datasheet HTML 7Page - Unisonic Technologies MJE13005G-D-T60-K Datasheet HTML 8Page - Unisonic Technologies MJE13005G-D-T60-K Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MJE13005
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R203-018. M
ELECTRICAL CHARACTERISTICS (TC=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
(Note 1)
Collector-Emitter Sustaining Voltage
VCEO(SUS) IC=10mA , IB=0
400
V
Collector Cutoff Current
ICBO
VCBO=Rated Value,
VBE(OFF)=1.5V
1
mA
VCBO=Rated Value,
VBE(OFF)=1.5V, TC=100°С
5
Emitter Cutoff Current
IEBO
VEB=9V, IC=0
1
mA
SECOND BREAKDOWN
Second Breakdown Collector Current
with bass forward biased
IS/B
See Fig. 11
Clamped Inductive SOA with Base
Reverse Biased
RBSOA
See Fig. 12
ON CHARACTERISTICS
(Note 1)
DC Current Gain
hFE1
IC=0.5A, VCE=5V
15
50
hFE2
IC=1A, VCE=5V
10
60
hFE3
IC=2A, VCE=5V
8
40
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=1A, IB=0.2A
0.5
V
IC=2A, IB=0.5A
0.6
V
IC=4A, IB=1A
1
V
IC=2A, IB=0.5A, Ta=100°С
1
V
Base-Emitter Saturation Voltage
VBE (SAT)
IC=1A, IB=0.2A
1.2
V
IC=2A, IB=0.5A
1.6
V
IC=2A, IB=0.5A, TC=100°С
1.5
V
DYNAMIC CHARACTERISTICS
Current-Gain-Bandwidth Product
fT
IC=500mA, VCE=10V, f=1MHz
4
MHz
Output Capacitance
COB
VCB=10V, IE=0, f=0.1MHz
65
pF
SWITCHING CHARACTERISTICS
Resistive Load (Table 1)
Delay Time
tD
VCC=125V, IC=2A, IB1=IB2=0.4A,
tP=25μs, Duty Cycle≤1%
0.025
0.1
μs
Rise Time
tR
0.3
0.7
μs
Storage Time
tS
1.7
4
μs
Fall Time
tF
0.4
0.9
μs
Note: 1. Pulse Test: Pulse Width=5ms, Duty Cycle≤10%
Note: 2. Pulse Test: PW=300μs, Duty Cycle≤2%
CLASSIFICATION OF hFE1
RANK
A
B
C
D
E
RANGE
15 ~ 20
20 ~ 25
25 ~ 30
30 ~ 40
40 ~ 50


Similar Part No. - MJE13005G-D-T60-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13005G-H-X-T92-B UTC-MJE13005G-H-X-T92-B Datasheet
381Kb / 8P
   NPN SILICON POWER TRANSISTORS
MJE13005G-H-X-T92-K UTC-MJE13005G-H-X-T92-K Datasheet
381Kb / 8P
   NPN SILICON POWER TRANSISTORS
MJE13005G-K-A-TN3-R UTC-MJE13005G-K-A-TN3-R Datasheet
399Kb / 9P
   NPN SILICON POWER TRANSISTORS
MJE13005G-K-D-TA3-T UTC-MJE13005G-K-D-TA3-T Datasheet
399Kb / 9P
   NPN SILICON POWER TRANSISTORS
MJE13005G-K-E-TM3-T UTC-MJE13005G-K-E-TM3-T Datasheet
399Kb / 9P
   NPN SILICON POWER TRANSISTORS
More results

Similar Description - MJE13005G-D-T60-K

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com