Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13009L-T3P-T Datasheet(PDF) 7 Page - Unisonic Technologies

Part # MJE13009L-T3P-T
Description  SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13009L-T3P-T Datasheet(HTML) 7 Page - Unisonic Technologies

  MJE13009L-T3P-T Datasheet HTML 1Page - Unisonic Technologies MJE13009L-T3P-T Datasheet HTML 2Page - Unisonic Technologies MJE13009L-T3P-T Datasheet HTML 3Page - Unisonic Technologies MJE13009L-T3P-T Datasheet HTML 4Page - Unisonic Technologies MJE13009L-T3P-T Datasheet HTML 5Page - Unisonic Technologies MJE13009L-T3P-T Datasheet HTML 6Page - Unisonic Technologies MJE13009L-T3P-T Datasheet HTML 7Page - Unisonic Technologies MJE13009L-T3P-T Datasheet HTML 8Page - Unisonic Technologies MJE13009L-T3P-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MJE13009
NPN SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
7 of 9
www.unisonic.com.tw
QW-R203-024,F
TYPICAL CHARATERISTICS
160
Fig. 3 Forward Bias Power Derating
0
0.6
Case Temperature, TC (°C)
140
20
40
100
0.4
80
0.8
Thermal
Derating
Second Breakdown
Derating
60
120
1
0.2
There are two limitations on the power handling ability of a
transistor: average junction temperature and second breakdown.
Safe operating area curves indicate IC -VCE limits of the transistor
that must be observed for reliable operation; i.e., the transistor
must not be subjected to greater dissipation than the curves
indicate.
The data of Fig. 1 is based on TC=25°C; TJ(PK) is variable
depending on power level. Second breakdown pulse limits are
valid for duty cycles to 10% but must be derated when TC ≥ 25°C.
Second breakdown limitations do not derate the same as thermal
limitations. Allowable current at the voltages shown on Fig. 1 may
be found at any case temperature by using the appropriate curve
on Fig. 3.
TJ(PK) may be calculated from the data in Fig. 4. At high
case temperatures, thermal limitations will reduce the power
that can be handled to values less than the limitations imposed
by second breakdown. Use of reverse biased safe operating
area data (Fig. 2) is discussed in the applications information
section.
2
Fig. 4 Typical Thermal Response [ZθJC(t)]
0.01
0.2
Time, t (ms)
1
0.05
0.3
0.01
0.02
0.2
0.7
0.07
0.1
0.5
0.1
D = 0.5
0.05
0.05
5
0.5
1
0.03
0.02
0.1
0.2
10
20
50
100
200
500
1.0k
Single Pulse
0.02
0.01
t2
t1
Duty Cycle, D = t1/t2
P(PK)
ZθJC(t) = r(t) θJC
θJC = 1.25°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(PK) – TC = P(PK) ZθJC(t)


Similar Part No. - MJE13009L-T3P-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13009L-T3P-T UTC-MJE13009L-T3P-T Datasheet
185Kb / 8P
   SWITCHMODE SERIES NPN SWITCHMODE SERIES NPN TRANSISTORS
MJE13009L-T3P-T UTC-MJE13009L-T3P-T Datasheet
453Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results

Similar Description - MJE13009L-T3P-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
77Kb / 8P
   SWITCHMODE Series NPN Silicon Power Transistors
April, 2001 ??Rev. 6
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
MJE16002 NJSEMI-MJE16002 Datasheet
126Kb / 3P
   SWITCHMODE Series NPN Silicon Power Transistors
MJE8502 NJSEMI-MJE8502 Datasheet
92Kb / 2P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJ16010 NJSEMI-MJ16010 Datasheet
1Mb / 3P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
Boca Semiconductor Corp...
2N6546 BOCA-2N6546 Datasheet
217Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K_15 Datasheet
440Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-K UTC-MJE13009-K Datasheet
445Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-P UTC-MJE13009-P Datasheet
430Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-P UTC-MJE13009-P_15 Datasheet
424Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MJ8504 NJSEMI-MJ8504 Datasheet
95Kb / 2P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com