Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13009L-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MJE13009L-TA3-T
Description  SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13009L-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  MJE13009L-TA3-T Datasheet HTML 1Page - Unisonic Technologies MJE13009L-TA3-T Datasheet HTML 2Page - Unisonic Technologies MJE13009L-TA3-T Datasheet HTML 3Page - Unisonic Technologies MJE13009L-TA3-T Datasheet HTML 4Page - Unisonic Technologies MJE13009L-TA3-T Datasheet HTML 5Page - Unisonic Technologies MJE13009L-TA3-T Datasheet HTML 6Page - Unisonic Technologies MJE13009L-TA3-T Datasheet HTML 7Page - Unisonic Technologies MJE13009L-TA3-T Datasheet HTML 8Page - Unisonic Technologies MJE13009L-TA3-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MJE13009
NPN SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
2 of 9
www.unisonic.com.tw
QW-R203-024,F
ABSOLUTE MAXIMUM RATINGS (TA = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
VCEO
400
V
Collector-Emitter Voltage (VBE=-1.5V)
VCEV
700
V
Emitter Base Voltage
VEBO
9
V
Collector Current
Continuous
IC
12
A
Peak (Note 3)
ICM
24
Base Current
Continuous
IB
6
A
Peak (Note 3)
IBM
12
Emitter Current
Continuous
IE
18
A
Peak (Note 3)
IEM
36
Power Dissipation
TO-220
PD
2
W
TO-220F
0.7
TO-3P
80
Derate above 25℃
TO-220
16
mW/℃
TO-220F
5.6
TO-3P
640
Junction Temperature
TJ
+150
Storage Temperature
TSTG
-40 ~ +150
Note: 1. Pulse Test: Pulse Width = 5ms, Duty Cycle ≤ 10%
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
3. Pulse Test: Pulse Width = 300µs, Duty Cycle = 2%
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220
θJA
54
/W
TO-220F
62.5
TO-3P
21
Junction to Case
TO-220
θJC
4
/W
TO-220F
3.13
TO-3P
1.55
ELECTRICAL CHARACTERISTICS (TC= 25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
(Note)
Collector- Emitter Sustaining Voltage
VCEO
IC = 10mA, IB = 0
400
V
Collector Cutoff Current
VCBO=Rated Value
ICEV
VBE(OFF) = 1.5VDC
VBE(OFF) = 1.5VDC, TC = 100℃
1
5
mA
Emitter Cutoff Current
IEBO
VEB = 9VDC, IC = 0
1
mA
ON CHARACTERISTICS
(Note)
DC Current Gain
hFE1
IC = 5A, VCE = 5V
40
hFE 2
IC = 8A, VCE = 5V
30
Current-Emitter Saturation Voltage
VCE(SAT)
IC = 5A, IB = 1A
1
V
IC = 8A, IB = 1.6A
1.5
V
IC = 12A, IB = 3A
3
V
IC = 8A, IB = 1.6A, TC = 100℃
2
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC = 5A, IB = 1A
1.2
V
IC = 8A, IB = 1.6A
1.6
V
IC = 8A, IB = 1.6A, TC = 100℃
1.5
V


Similar Part No. - MJE13009L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13009L-TA3-T UTC-MJE13009L-TA3-T Datasheet
185Kb / 8P
   SWITCHMODE SERIES NPN SWITCHMODE SERIES NPN TRANSISTORS
MJE13009L-TA3-T UTC-MJE13009L-TA3-T Datasheet
453Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results

Similar Description - MJE13009L-TA3-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
77Kb / 8P
   SWITCHMODE Series NPN Silicon Power Transistors
April, 2001 ??Rev. 6
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
MJE16002 NJSEMI-MJE16002 Datasheet
126Kb / 3P
   SWITCHMODE Series NPN Silicon Power Transistors
MJE8502 NJSEMI-MJE8502 Datasheet
92Kb / 2P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJ16010 NJSEMI-MJ16010 Datasheet
1Mb / 3P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
Boca Semiconductor Corp...
2N6546 BOCA-2N6546 Datasheet
217Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K_15 Datasheet
440Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-K UTC-MJE13009-K Datasheet
445Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-P UTC-MJE13009-P Datasheet
430Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-P UTC-MJE13009-P_15 Datasheet
424Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MJ8504 NJSEMI-MJ8504 Datasheet
95Kb / 2P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com