Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13002 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MJE13002
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13002 Datasheet(HTML) 3 Page - Unisonic Technologies

  MJE13002_12 Datasheet HTML 1Page - Unisonic Technologies MJE13002_12 Datasheet HTML 2Page - Unisonic Technologies MJE13002_12 Datasheet HTML 3Page - Unisonic Technologies MJE13002_12 Datasheet HTML 4Page - Unisonic Technologies MJE13002_12 Datasheet HTML 5Page - Unisonic Technologies MJE13002_12 Datasheet HTML 6Page - Unisonic Technologies MJE13002_12 Datasheet HTML 7Page - Unisonic Technologies MJE13002_12 Datasheet HTML 8Page - Unisonic Technologies MJE13002_12 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MJE13002
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R204-014.C
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS (1)
Collector-Emitter Sustaining Voltage
VCEO(SUS) IC=10 mA , IB=0
300
VCEV=Rated Value, VBE(off)=1.5 V
1
Collector Cutoff Current
ICEV
VCEV=Rated Value,
VBE(off)=1.5V,Tc=100°C
5
SECOND BREAKDOWN
Second Breakdown Collector Current with
bass forward biased (See Figure 5)
IS/IB
Clamped Inductive SOA with base reverse
biased (See Figure 6)
RBSOA
hFE1
IC=0.5 A, VCE=2 V
8
40
DC Current Gain
hFE2
IC=1 A, VCE=2 V
5
25
IC=0.5A, IB=0.1A
0.5
IC=1A, IB=0.25A
1
IC=1.5A, IB=0.5A
3
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=1A, IB=0.25A,TC=100°C
1
V
IC=0.5A, IB=0.1A
1
IC=1A, IB=0.25 A
1.2
Base-Emitter Saturation Voltage
V BE(SAT)
IC=1A, IB=0.25A,TC=100°C
1.1
V
DYNAMIC CHARACTERISTICS
Current-Gain-Bandwidth Product
fT
IC=100mA, VCE=10 V, f=1MHz
4
10
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=0.1MHz
21
pF
SWITCHING CHARACTERISTICS (TABLE 1)
Delay Time
td
0.05 0.1
μs
Rise Time
tr
0.5
1
μs
Storage Time
ts
2
4
μs
Fall Time
tf
VCC=125V, IC=1A,
IB1=IB2=0.2A, tP=25μs,
Duty Cycle≤1%
0.4
0.7
μs
INDUCTIVE LOAD, CLAMPED (TABLE 1, FIGURE 7)
Storage Time
tsv
1.7
4
μs
Crossover Time
tc
0.29 0.75
μs
Fall Time
tfi
IC=1A,Vclamp=300V,
IB1=0.2A,VBE(off)=5V,TC=100°C
0.15
μs
CLASSIFICATION OF hFE1
RANK
A
B
C
D
E
F
RANGE
8 ~ 16
15 ~ 21
20 ~ 26
25 ~ 31
30 ~ 36
35 ~ 40


Similar Part No. - MJE13002_12

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
MJE13002E1 FOSHAN-MJE13002E1 Datasheet
812Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
MJE13002F1 FOSHAN-MJE13002F1 Datasheet
801Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
MJE13002G1 FOSHAN-MJE13002G1 Datasheet
821Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
MJE13002H1 FOSHAN-MJE13002H1 Datasheet
789Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
MJE13002I1 FOSHAN-MJE13002I1 Datasheet
911Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
More results

Similar Description - MJE13002_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com