Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDECD3470JA5N00 Datasheet(PDF) 9 Page - Kemet Corporation

Part # LDECD3470JA5N00
Description  SMD Film Capacitors Catalogue
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDECD3470JA5N00 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button LDECD3470JA5N00 Datasheet HTML 5Page - Kemet Corporation LDECD3470JA5N00 Datasheet HTML 6Page - Kemet Corporation LDECD3470JA5N00 Datasheet HTML 7Page - Kemet Corporation LDECD3470JA5N00 Datasheet HTML 8Page - Kemet Corporation LDECD3470JA5N00 Datasheet HTML 9Page - Kemet Corporation LDECD3470JA5N00 Datasheet HTML 10Page - Kemet Corporation LDECD3470JA5N00 Datasheet HTML 11Page - Kemet Corporation LDECD3470JA5N00 Datasheet HTML 12Page - Kemet Corporation LDECD3470JA5N00 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
SMD Film Capacitors
07/2008
LDE series - PEN dieletric RoHS 6 - technical data
Plates
Aluminium layer deposited by evaporation under vacuum.
Winding
Non inductive - Stacked technology.
Terminations
Four layers: aluminium, brass, nickel, pure tin.
Marking
On packaging only.
Climatic category
55 / 125 / 56
Electrical data
Operating temperature
range
-55 to +125 °C
Rated voltage (VR)
50 - 63 - 100 - 250 - 400 - 630 - 1000 VDC
Category voltage (VC)
VC = VR up to 105 °C. For temperatures
between 105 and 125 °C a decreasing
factor of 1.25% per degree °C has to be
applied on the rated voltage (D.C. and
A.C.)
Size range
12.06 to 60.54
(customized sizes available upon request)
Capacitance range
1000 pF to 4.7 μF
Capacitance values
E12 series
Capacitance
tolerances
Standard: K = ± 10 % M = ± 20 %;
(J = ±5% available upon request and
review of project/application)
Dissipation factor (tgδ) ≤ 0.8 % (T = 25 ± 5 °C; f = 1 kHz)
Dielectric absorption
0.8%
Insulation resistance
≥ 1 GΩ for C ≤ 0.33 μF
≥ 400 s for C > 0.33 μF
Test conditions:
T = 25 ± 5 °C; charging time: 1 min.
Charging voltage:
10 VDC for VR < 100 VDC
100 VDC for VR ≥ 100 VDC
Surge voltage test
1.4 x VR (2 s; T = 25 ± 5 °C)
for VR ≤ 630 VDC
1.5 x VR (2 s; T = 25 ± 5 °C)
for VR = 1000 VDC
Maximum dv / dt
100 V / μs for VR ≤ 630 VDC
300 V / μs for VR = 1000 VDC
Tests and performances
Damp heat
(40°C/93% R.H.; 56 days)
│∆C/C│≤ 7%;│∆tgδ│≤ 50 x 10-4;
IR ≥ 50% of the limit value
Endurance
(125°C;2000h;1.25xVC)
│∆C/C│≤ 5%;│∆tgδ│≤ 50 x 10-4;
IR ≥ 50% of the limit value
Rapid change of
temperature
(1h at -55 °C;1h at
+125 °C; 1000 cycles)
│∆C/C│≤ 5%
│∆tgδ│≤ 50 x 10-4
IR ≥ limit value
No mechanical damage
Reflow
(as per reflow
recommendations, see
page 14)
│∆C/C│≤ 3%
│∆tgδ│≤ 50 x 10-4
IR ≥ limit value
No mechanical damage
Bending
(1 to 6 mm deflection)
│∆C/C│≤ 1%
No visible damage on the terminations
(pealing) neither on the body (cracking)
Long term stability
(2 years)
│∆C/C│≤ 3% for sizes ≤ 22.20
│∆C/C│≤ 2% for sizes > 22.20
Reliability
(REF MIL HDBK 217)
Failure rate ≤ 1 Fit
1 Fit = 10-9 failures / (components * hours)
When a capacitor is used in A.C. applications at high frequency,
the consequent internal heating may cause the risk of smoke or
fire. This is due to the high current flowing through the capacitor’s
Equivalent Series Resistance.
The formula to calculate the maximum power [W] dissipated by the
capacitor is the following:
(N: number of significant harmonics)
The formula to calculate the maximum power [W] that can be
dissipated by the capacitor is the following:
It must be: Pcmax ≤ Pclim
Please refer to the table and graph below for ∆Tlim and Rth values
(Th: maximum ambient temperature surrounding the capacitor or
hottest contact point - i.e. tracks - whichever is higher, in the worst
operating conditions in °C)
Size
12.06
12.10
18.12
22.20
28.24
H
max
[mm]
1.2
2.1
1.7 2.6
2.3
3.3
4.4
3.5
4.5
5.4
Rth
[°C/W]
175
165
157 151
135
128
122
114
108
103
Size
40.30
50.40
60.54
H
max
[mm]
3.6
4.5
5.5
3.6
4.5
5.7
3.6
4.5
5.7
Rth
[°C/W]
93
88
84
75
70
66
58
55
52
Dissipation (A.C. applications)
i
N
i=
i
i
rms
i
i
N
i=
=
δ
δ
i
rms
(f
tg
C
f
I
(f
tg
C
f
V
Pc
max
1
2
_
max
1
2
_
max
*
*
2
*
*
2
*
)=
)
=


Similar Part No. - LDECD3470JA5N00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDECD3470JA5N ETC1-LDECD3470JA5N Datasheet
499Kb / 8P
   PEN-PET H.T
More results

Similar Description - LDECD3470JA5N00

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDEID3100KA0N00 KEMET-LDEID3100KA0N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
LDEPD2100KA5N00 KEMET-LDEPD2100KA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
logo
List of Unclassifed Man...
IPL10020 ETC1-IPL10020 Datasheet
211Kb / 4P
   Shortform Catalogue
logo
Amphenol Corporation
L77SDB25S AMPHENOL-L77SDB25S Datasheet
7Mb / 151P
   Amphenol Preferred Parts Catalogue
logo
AVX Corporation
CL057K0682 AVX-CL057K0682 Datasheet
262Kb / 4P
   High Surge Voltage SMD Film Capacitors
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com