Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7091R-2BRUZ Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AD7091R-2BRUZ
Description  2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD7091R-2BRUZ Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AD7091R-2BRUZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7091R-2BRUZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7091R-2BRUZ Datasheet HTML 9Page - List of Unclassifed Manufacturers AD7091R-2BRUZ Datasheet HTML 10Page - List of Unclassifed Manufacturers AD7091R-2BRUZ Datasheet HTML 11Page - List of Unclassifed Manufacturers AD7091R-2BRUZ Datasheet HTML 12Page - List of Unclassifed Manufacturers AD7091R-2BRUZ Datasheet HTML 13Page - List of Unclassifed Manufacturers AD7091R-2BRUZ Datasheet HTML 14Page - List of Unclassifed Manufacturers AD7091R-2BRUZ Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
AD7091R-2/AD7091R-4/AD7091R-8
Data Sheet
Figure 7. 8-Channel Pin Configuration
Table 7. 8-Channel Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CS
Chip Select Input. When CS is held low, the serial bus enables and CS frames the output data on the SPI.
2
RESET
Reset. Logic input.
3
VDD
Power Supply Input. The VDD range is from 2.7 V to 5.25 V. Decouple this supply pin to GND.
4
REGCAP
Decoupling Capacitor Pin For Voltage Output from Internal Regulator. Decouple this output pin
separately to GND using a 2.2 μF capacitor.
5
REFIN/REFOUT
Voltage Reference Output, 2.5 V. Decouple this pin to GND. The typical recommended decoupling
capacitor value is 2.2 µF. The user can either access the internal 2.5 V reference or overdrive the internal
reference with the voltage applied to this pin. The reference voltage range for an externally applied
reference is 1.0 V to VDD.
6, 19
GND
Chip Ground. These pins are the ground reference point for all circuitry on the AD7091R-8.
7
MUXOUT
Multiplexer Output. The output of the multiplexer appears at this pin. If no external filtering or buffering
is required, tie this pin directly to the ADCIN pin; otherwise, tie the output of the conditioning network to
the ADCIN pin.
8
VIN0
Analog Input 0. Single-ended analog input. The analog input range is 0 V to VREF.
9
VIN2
Analog Input 2. Single-ended analog input. The analog input range is 0 V to VREF.
10
ALERT/BUSY/GPO0
Alert Output (ALERT). This is a multifunction pin determined by the configuration register. When
functioning as ALERT, this pin is a logic output indicating that a conversion result has fallen outside the
limit of the register settings.
BUSY Output (BUSY). When the ALERT/BUSY/GPO0 pin is configured as a BUSY output, use this pin to
indicate when a conversion is taking place.
General-Purpose Digital Output (GPO0). The pin can also function as a general-purpose digital output.
11
VIN4
Analog Input 4. Single-ended analog input. The analog input range is 0 V to VREF.
12
VIN6
Analog Input 6. Single-ended analog input. The analog input range is 0 V to VREF.
13
VIN7
Analog Input 7. Single-ended analog input. The analog input range is 0 V to VREF.
14
VIN5
Analog Input 5. Single-ended analog input. The analog input range is 0 V to VREF.
15
GPO1
General-Purpose Digital Output.
16
VIN3
Analog Input 3. Single-ended analog input. The analog input range is 0 V to VREF.
17
VIN1
Analog Input 1. Single-ended analog input. The analog input range is 0 V to VREF.
18
ADCIN
ADC Input. This pin allows access to the on-chip track-and-hold. If no external filtering or buffering is
required, tie this pin directly to the MUXOUT pin; otherwise, tie the input of the conditioning network to
the MUXOUT pin.
20
SDI
Serial Data Input Bus. Data to be written to the on-chip control registers is provided on this input. Data is
clocked into the registers on the falling edge of the SCLK input. Provide data MSB first.
21
SDO
Serial Data Output Bus. The conversion output data is supplied to this pin as a serial data stream. The bits are
clocked out on the falling edge of the SCLK input, and 13 SCLK cycles are required to access the data. The
data is provided MSB first.
22
SCLK
Serial Clock. This pin acts as the serial clock input.
23
CONVST
Convert Start Input Signal. Edge triggered logic input. The falling edge of CONVST places the track-and-
hold mode into hold mode and initiates a conversion.
1
2
3
4
5
6
7
8
9
10
12
11
RESET
VDD
REGCAP
MUXOUT
GND
CS
VIN0
VIN2
VIN6
VIN4
ALERT/BUSY/GPO0
20
21
22
23
24
19
18
17
16
15
14
13
CONVST
SCLK
SDO
ADCIN
GND
SDI
VIN1
VIN3
VIN7
VIN5
GPO1
VDRIVE
AD7091R-8
TOP VIEW
(Not to Scale)
REFIN/REFOUT
Rev. 0 | Page 10 of 40


Similar Part No. - AD7091R-2BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7091R-2BRUZ AD-AD7091R-2BRUZ Datasheet
861Kb / 42P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
AD7091R-2BRUZ-RL7 AD-AD7091R-2BRUZ-RL7 Datasheet
861Kb / 42P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
More results

Similar Description - AD7091R-2BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7091R-5 AD-AD7091R-5 Datasheet
699Kb / 34P
   4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7091R-5 AD-AD7091R-5_17 Datasheet
831Kb / 35P
   4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
AD7490 AD-AD7490 Datasheet
2Mb / 24P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. A
AD7490 AD-AD7490_15 Datasheet
950Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490 AD-AD7490_12 Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com