Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC000902 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # EC000902
Description  Knife disconnect terminal block - UT 4-TWIN-MT - 3046003
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EC000902 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  EC000902 Datasheet HTML 1Page - PHOENIX CONTACT EC000902 Datasheet HTML 2Page - PHOENIX CONTACT EC000902 Datasheet HTML 3Page - PHOENIX CONTACT EC000902 Datasheet HTML 4Page - PHOENIX CONTACT EC000902 Datasheet HTML 5Page - PHOENIX CONTACT EC000902 Datasheet HTML 6Page - PHOENIX CONTACT EC000902 Datasheet HTML 7Page - PHOENIX CONTACT EC000902 Datasheet HTML 8Page - PHOENIX CONTACT EC000902 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
https://www.phoenixcontact.com/us/products/3046003
1/28/14   Page 3 / 17
Knife disconnect terminal block - UT 4-TWIN-MT - 3046003
Technical data
General
Test specification, oscillation, broadband noise
DIN EN 50155 (VDE 0115-200):2008-03
Test spectrum
Service life test category 1, class B, body mounted
Test frequency
f1 = 5 Hz to f2 = 150 Hz
ASD level
1.857 (m/s2)2/Hz
Acceleration
0.8 g
Test duration per axis
5 h
Test directions
X-, Y- and Z-axis
Oscillation, broadband noise test result
Test passed
Test specification, shock test
DIN EN 50155 (VDE 0115-200):2008-03
Shock form
Half-sine
Acceleration
5 g
Shock duration
30 ms
Number of shocks per direction
3
Test directions
X-, Y- and Z-axis (pos. and neg.)
Shock test result
Test passed
Temperature index, insulating material (DIN EN 60216-1 (VDE 0304-21))
130 °C
Static insulating material application in cold
-60 °C
Dimensions
Width
6.2 mm
Length
65.4 mm
Height NS 35/7,5
49.1 mm
Height NS 35/15
55 mm
Connection data
Connection in acc. with standard
IEC 60947-7-1
Connection method
Screw connection
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
6 mm²
Conductor cross section AWG/kcmil min.
26
Conductor cross section AWG/kcmil max
10
Conductor cross section stranded min.
0.14 mm²
Conductor cross section stranded max.
6 mm²
Min. AWG conductor cross section, stranded
26
Max. AWG conductor cross section, stranded
10
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 4 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.14 mm²


Similar Part No. - EC000902

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EC000902 PHOENIX-EC000902 Datasheet
63Kb / 4P
   Knife disconnect terminal block - PTT 1,5/S-2MT BU
EC000902 PHOENIX-EC000902 Datasheet
203Kb / 26P
   Knife disconnect terminal block - PT 2,5-MTB
EC000902 PHOENIX-EC000902 Datasheet
454Kb / 20P
   Disconnect terminal block - UT 4-TG-EX
EC000902 PHOENIX-EC000902 Datasheet
280Kb / 24P
   Feed-through terminal block - PTMED 6
EC000902 PHOENIX-EC000902 Datasheet
66Kb / 5P
   Feed-through terminal block - PTT 2,5-2L
More results

Similar Description - EC000902

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3064014 PHOENIX-3064014 Datasheet
81Kb / 5P
   Knife disconnect terminal block - UT 4-TWIN-MT P/P
3073021 PHOENIX-3073021 Datasheet
143Kb / 15P
   Knife disconnect terminal block - UT 4-TWIN-MT P/P BU
3046141 PHOENIX-3046141 Datasheet
73Kb / 4P
   Knife disconnect terminal block - UT 4-MT-EX
3046279 PHOENIX-3046279 Datasheet
493Kb / 22P
   Knife disconnect terminal block - UT 4-MT RD
3046362 PHOENIX-3046362 Datasheet
67Kb / 6P
   Knife disconnect terminal block - UT 2,5-MT
3073050 PHOENIX-3073050 Datasheet
145Kb / 15P
   Knife disconnect terminal block - UT 4-QUATTRO-MT BU
3046171 PHOENIX-3046171 Datasheet
477Kb / 22P
   Knife disconnect terminal block - UT 4-MT-P/P
3073267 PHOENIX-3073267 Datasheet
62Kb / 5P
   Knife disconnect terminal block - UT 6-MT BU
3036356 PHOENIX-3036356 Datasheet
514Kb / 23P
   Knife disconnect terminal block - ST 2,5-TWIN-MT
3050407 PHOENIX-3050407 Datasheet
125Kb / 12P
   Knife disconnect terminal block - QTC 1,5-TWIN-MT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com