Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30211801 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 30211801
Description  PCB terminal block - SMKDS 5/ 2-9,5 - 1720017
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

30211801 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  30211801 Datasheet HTML 1Page - PHOENIX CONTACT 30211801 Datasheet HTML 2Page - PHOENIX CONTACT 30211801 Datasheet HTML 3Page - PHOENIX CONTACT 30211801 Datasheet HTML 4Page - PHOENIX CONTACT 30211801 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1720017
12/16/13   Page 1 / 5
PCB terminal block - SMKDS 5/ 2-9,5 - 1720017
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
PCB terminal block, Nominal current: 32 A, Nom. voltage: 1000 V, Pitch: 9.52 mm, Number of positions: 2,
Connection method: Screw connection, Mounting: Soldering, Conductor/PCB connection direction: 35 °, Color:
green, The article can be aligned to create different nos. of positions!
Product Features
 Conductor connection direction angled to the PCB (35°)
 PCB terminal blocks with screw connection, up to 6 mm² conductor cross section
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
6.65 GRM
Custom tariff number
85369010
Country of origin
Poland
Technical data
Dimensions
Length
18.5 mm
Pitch
9.52 mm
Dimension a
9.52 mm
Pin dimensions
0,9 x 0,9 mm
Hole diameter
1.3 mm
General
Range of articles
SMKDS 5
Insulating material group
I
Rated surge voltage (III/3)
6 kV


Similar Part No. - 30211801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
30211801 PHOENIX-30211801 Datasheet
103Kb / 5P
   PCB terminal block - SPT-THR 1,5/ 3-V-3,81 P26
30211801 PHOENIX-30211801 Datasheet
72Kb / 4P
   PCB terminal block - MKDSV 5/ 3-9.5 - 1710069
30211801 PHOENIX-30211801 Datasheet
60Kb / 5P
   PCB terminal block - MKDSO 2,5 HV/ 2L-7,5 KMGY
30211801 PHOENIX-30211801 Datasheet
76Kb / 5P
   Printed-circuit board connector - BCVP-381R-11 GN
30211801 PHOENIX-30211801 Datasheet
63Kb / 3P
   Printed-circuit board connector - BCVP-508W-23 GY
More results

Similar Description - 30211801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1724385 PHOENIX-1724385 Datasheet
55Kb / 4P
   PCB terminal block - SMKDS 5/ 2-9,5 A0
1720075 PHOENIX-1720075 Datasheet
55Kb / 4P
   PCB terminal block - SMKDS 5/ 2-9,5 BK
1720020 PHOENIX-1720020 Datasheet
82Kb / 5P
   PCB terminal block - SMKDS 5/ 3-9,5
1720088 PHOENIX-1720088 Datasheet
55Kb / 4P
   PCB terminal block - SMKDS 5/ 3-9,5 BK
1719015 PHOENIX-1719015 Datasheet
81Kb / 5P
   PCB terminal block - MKKDS 5/ 2-9,5
1714926 PHOENIX-1714926 Datasheet
112Kb / 4P
   PCB terminal block - MKDS 5/ 2-9,5 BK
11/04/2018
1710755 PHOENIX-1710755 Datasheet
56Kb / 4P
   PCB terminal block - MKDS 5/ 2-9,5 GY
1870226 PHOENIX-1870226 Datasheet
55Kb / 4P
   PCB terminal block - MKDS 5/ 2-9,5 A0 BK
1713859 PHOENIX-1713859 Datasheet
330Kb / 10P
   MKDS 5/11-9,5 - PCB terminal block
1718401 PHOENIX-1718401 Datasheet
57Kb / 5P
   PCB terminal block - MKDS 5/ 3-9,5 (13)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com