Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-178127-6 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 1-178127-6
Description  D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-178127-6 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 1-178127-6 Datasheet HTML 7Page - Tyco Electronics 1-178127-6 Datasheet HTML 8Page - Tyco Electronics 1-178127-6 Datasheet HTML 9Page - Tyco Electronics 1-178127-6 Datasheet HTML 10Page - Tyco Electronics 1-178127-6 Datasheet HTML 11Page - Tyco Electronics 1-178127-6 Datasheet HTML 12Page - Tyco Electronics 1-178127-6 Datasheet HTML 13Page - Tyco Electronics 1-178127-6 Datasheet HTML 14Page - Tyco Electronics 1-178127-6 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
44
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
D-3100S — Standard
1-Row Type (Continued)
Keying
This product (D-3100S) is provided with keying plugs to help prevent misinsertion of contacts. Two types are available: X Type and
Y Type (Shown below is the mating front of Tab Header).
Applications
Typical Applications for Elevator
X Type
Key Rib
X Keying Mark
Key Rib
Y Keying Mark
Y Type


Similar Part No. - 1-178127-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-178128-2 MACOM-1-178128-2 Datasheet
177Kb / 2P
   DYNAMIC D 3200, 5.08 PITCH
1-178128-2 MACOM-1-178128-2 Datasheet
3Mb / 22P
   D-3000 Series (Continued)
1-178128-3 MACOM-1-178128-3 Datasheet
177Kb / 2P
   DYNAMIC D 3200, 5.08 PITCH
1-178128-3 MACOM-1-178128-3 Datasheet
3Mb / 22P
   D-3000 Series (Continued)
1-178128-3 MACOM-1-178128-3 Datasheet
2Mb / 43P
   AMP Dynamic Series Connectors
More results

Similar Description - 1-178127-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
178328-2 MACOM-178328-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178325-2 MACOM-178325-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
1-1318120-3 MACOM-1-1318120-3 Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
   Wire-to-Board, Wire-to-Panel and Wire-to-Wire
D-2100S MACOM-D-2100S Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
logo
List of Unclassifed Man...
51021 ETC2-51021 Datasheet
69Kb / 1P
   1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
Molex Electronics Ltd.
5005920800 MOLEX11-5005920800 Datasheet
148Kb / 3P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Housing
0638197700 MOLEX11-0638197700 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
0638197600 MOLEX11-0638197600 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
63823-5300 MOLEX11-63823-5300 Datasheet
38Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com