Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFE211 Datasheet(PDF) 5 Page - Digitron Semiconductors

Part # MFE211
Description  N-CHANNEL DUAL GATE SILICON NITRIDE PASSIVATED MOS FIELD EFFECT TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MFE211 Datasheet(HTML) 5 Page - Digitron Semiconductors

  MFE211 Datasheet HTML 1Page - Digitron Semiconductors MFE211 Datasheet HTML 2Page - Digitron Semiconductors MFE211 Datasheet HTML 3Page - Digitron Semiconductors MFE211 Datasheet HTML 4Page - Digitron Semiconductors MFE211 Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MFE211 – MFE212
N-CHANNEL DUAL GATE SILICON NITRIDE
PASSIVATED MOS FIELD EFFECT TRANSISTORS
TO-72
Inches
Millimeters
Dim
Min
Max
Min
Max
A
-
0.230
-
5.840
B
-
0.195
-
4.950
C
-
0.210
-
5.330
D
-
0.021
-
0.530
E
-
0.030
-
0.760
F
-
0.019
-
0.480
G
0.100 BSC
2.540 BSC
H
-
0.046
-
1.170
J
-
0.0480
-
1.220
K
0.500
-
12.700
-
L
0.250
-
6.350
-
M
45°C BSC
45°C BSC
N
0.050 BSC
1.270 BSC
P
-
0.050
-
1.270
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120705


Similar Part No. - MFE211

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MFE211 MOTOROLA-MFE211 Datasheet
496Kb / 5P
   N-CHANNEL DUAL-GATE SILICON-NITRIDE PASSIVATED MOS FIELD-EFFECT TRANSISTORS
logo
New Jersey Semi-Conduct...
MFE211 NJSEMI-MFE211 Datasheet
98Kb / 2P
   N-. HANNEL DUAL-GATE SILICON-NITRIDE PASSIVATED MOS FIELD-EFFECT TRANSISTORS
More results

Similar Description - MFE211

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MFE212 MOTOROLA-MFE212 Datasheet
496Kb / 5P
   N-CHANNEL DUAL-GATE SILICON-NITRIDE PASSIVATED MOS FIELD-EFFECT TRANSISTORS
logo
New Jersey Semi-Conduct...
MFE211 NJSEMI-MFE211 Datasheet
98Kb / 2P
   N-. HANNEL DUAL-GATE SILICON-NITRIDE PASSIVATED MOS FIELD-EFFECT TRANSISTORS
logo
Motorola, Inc
MFE201 MOTOROLA-MFE201 Datasheet
546Kb / 5P
   N-CHANNEL DUAL-GAE SILICON-NITRIDE PASSIVATED MOS FIELD-EFFECT TRANSISTORS
logo
Digitron Semiconductors
3N209 DIGITRON-3N209 Datasheet
820Kb / 5P
   N-CHANNEL DUAL GATE MOS FIELD EFFECT TRANSISTORS
logo
Toshiba Semiconductor
RFM03U3P TOSHIBA-RFM03U3P Datasheet
274Kb / 6P
   Field Effect Transistors Silicon N-Channel MOS
RFM06U3X TOSHIBA-RFM06U3X Datasheet
297Kb / 6P
   Field Effect Transistors Silicon N-Channel MOS
logo
NTE Electronics
NTE455 NTE-NTE455 Datasheet
79Kb / 2P
   N−Channel Silicon Dual−Gate MOS Field Effect Transistor
logo
List of Unclassifed Man...
3SK40 ETC1-3SK40 Datasheet
70Kb / 1P
   N-CHANNEL SILICON CUAL-GATE MOS FIELD-EFFECT TRANSISTOR
logo
GE Solid State
3N206 GESS-3N206 Datasheet
363Kb / 8P
   Silicon Dual Insulated-Gate Field-Effect Transistors
logo
Renesas Technology Corp
2SK1493 RENESAS-2SK1493 Datasheet
589Kb / 11P
   N-CHANNEL MOS FIELD EFFECT POWER TRANSISTORS
1993
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com